Electronic Components Datasheet Search
  English  ▼

X  

HT9015 Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT9015
Description  RF Single Chip for Cordless Phone
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9015 Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT9015 Datasheet HTML 5Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 6Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 9Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 10Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 11Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 12Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Compressor + MIC AMP
fIN=1kHz, Ta=25°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VCC
Conditions
Vrefc
Input Reference Level
3.6V VOM=-10dBV
-10.5
dBV
VOC
Output Deviation
3.6V VOM=-30dBV
-0.2
dB
V4
MIC AMP Voltage Gain
3.6V
¾
20
¾
dB
tHDC
Total Harmonic Distortion 3.6V VOM=-10dBV
¾
0.3
%
VNOC
Output Noise Level
3.6V Input-GND Short
¾-61
dBV
Vlim1
Limiting Level
3.6V COMP Out, VIM=0dBV
¾
1.3
¾
VP-P
Vlim2
Limiting Level
3.6V MIC Out, VIM= 0dBV
¾
2.6
¾
VP-P
VMUTE
Mute Output Level
3.6V
¾-96
¾
dBV
Expander + PRE AMP + Receiver AMP
Ta=25°C
Symbol
Parameter
Test Conditions
Min. Typ. Max. Unit
VCC
Conditions
VrefE
Input Reference Level
3.6V VOP=-10dBV
¾-10
¾
dBV
VOE
Output Deviation
3.6V VOP=-35dBV
¾
0.5
¾
dB
GP3
PRE AMP Voltage Gain
3.6V
¾¾
0
¾
dB
THD1
Total Harmonic Distortion 3.6V RL= 150W
VRI=-15dBV
¾
0.5
¾
%
VMUTE
Mute Output Level
3.6V
¾¾
-76
¾
dBV
GRNG2
PRE AMP Voltage Gain
Setting Range
3.6V
¾¾
0
¾
dB
GRNG1
Receiver AMP Voltage
Gain Setting Range
3.6V
¾¾
6
¾
dB
CTCE
Crosstalk CE
3.6V VIM=-20dBV
¾-95
¾
dB
GS
Voltage Gain
3.6V
¾
0
¾
dB
DRS
Maximum Output Level
3.6V THD= 3%
¾
3
¾
VP-P
HT9015
9
April 10, 2000
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com