Electronic Components Datasheet Search
  English  ▼

X  

HT9015 Datasheet(PDF) 15 Page - Holtek Semiconductor Inc

Part # HT9015
Description  RF Single Chip for Cordless Phone
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9015 Datasheet(HTML) 15 Page - Holtek Semiconductor Inc

Back Button HT9015 Datasheet HTML 11Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 12Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 13Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 14Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 15Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 16Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 17Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 18Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 19Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
HT9015
15
April 10, 2000
Preliminary
Intermediate frequency (IF) decoder part
The figure below shows a simplified block dia-
gram for a double-conversion super heterodyne
FM receiver. Heterodyne means to mix two fre-
quencies together in a non linear device or to
translate one frequency to another using non
linear mixing. The super heterodyne receiver is
an improvement over other receiver in gain, se-
lectivity, and sensitivity characteristics.
The super heterodyne receiver is divided into
five parts:
· RF section. Generally consists of a preselector
and an amplifier stage.
· Mixer conversion section. Includes a ra-
dio-frequency oscillator stage (commonly
known as a local oscillator) and a mixer con-
version stage (commonly known as a fre-
quency detector) to produce the IF signal.
· The IF section. Generally consists of a series of
IF amplifiers and bandpass filters and known
as the IF strip. Most of the receiver gain and se-
lectivity is achieved in the IF section.
· The FM demodulator section: The quadrature
FM demodulator uses a 90° phase shift, a sin-
gle tuned circuit, and a product detector to de-
modulate the FM signals.
· The audio amplifier section. The audio section
comprises several cascaded audio amplifiers
and one or more speakers. The number of am-
plifiers used depends on the audio signal
power desired.
· Mixers
A Mixer is a non linear device whose purpose
is to convert radio frequencies (RF) to inter-
mediate frequency (IF) (RF-to-IF frequency
translation). In the frequency conversion pro-
cess, RF signals are combined with the local
oscillator frequency in a non linear device.
The output of the mixer contains an infinite
number of harmonic and cross-product fre-
quencies which include the sum and the dif-
ference between the desired RF carrier and
the local oscillator frequencies. The IF
band-pass filter are tuned to the different fre-
quencies. Therefore, the IF signal is filtered
out by the BPF. In the HT9015 the double con-
version method (Figure 4) is applied to pro-
duce the lower IF.
The first IF is a relatively high frequency
(10.7MHz), for good image-frequency rejec-
tion, while the second IF is a relatively low
frequency (455kHz) that allows the IF ampli-
fiers to have a relatively high gain and still
not be susceptible to oscillations.
P r es el ec t o r
RF - a m p l i f i e r
Re c e i v e
ant e nna
RF
I n t e r nal
1s t Lo_os c
( R X_ VC O )
2nd Lo_os c
(C ry s t a l )
2nd I F
IF _ A M P
1 s t IF
2nd M i x e r
1s t M i x e r
Q uad r a t u r e
De t e c t o r
RS S I
RS S I C O M P
No i s e F i l t e r
Da t a C O M P
D_ CO M P _ I N
D_ CO M P _ O UT
RS S I
LP F
No i s e CO M P
Figure 5 Intermediate frequency decoder block
2nd Lo_os c
(C ry s t a l )
RF
C e r a m i c F ilt e r
( 10. 7M H z )
( 455k H z )
Ce r a m i c F i l t e r
1 s t IF
2 n d IF
1s t Lo_os c
(R X _ V C O )
Figure 4 The illustration of mixers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com