Electronic Components Datasheet Search
  English  ▼

X  

HT9015 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT9015
Description  RF Single Chip for Cordless Phone
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT9015 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT9015 Datasheet HTML 7Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 8Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 9Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 10Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 11Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 12Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 13Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 14Page - Holtek Semiconductor Inc HT9015 Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
HT9015
11
April 10, 2000
Preliminary
· REF register
Divide number range is from 5 to 4095.
This register includes TEST bits which must be set to 0.
Divide number:
R= R0 + R1 ´ 2 + R2 ´ 2
2+R3 ´ 23+ ¼ +R11 ´ 211
BC bit is BATTERY ALARM detection setting.
· TX register
Divide number range is from 5 to 16383.
Divide number:
N= N0 + N1 ´ 2+N2 ´ 2
2+N3 ´ 23+ ¼ + N12 ´ 212 + N13 ´ 213
· RX register
Divide number range is from 5 to 16383.
Divide number:
N= N0 + N1 ´ 2+N2 ´ 2
2+N3 ´ 23+ ¼ + N12 ´ 212 + N13 ´ 213
· Control register
This register includes battery saving control for the TX/RX circuits or MUTE controls for the com-
mander block or changing threshold level for the battery alarm.
0
BC
1
1
C ode
12- b i t R C ount er
1s t
ST B
Do n ' t Ca r e Te s t
R1
R0
R2
R4
R3
R7
R6
R8
R1 0
R9
R5
R1 1
S
1 4 - b i t N C o u n t e r
Do n ' t Ca r e
N1
N0
N2
N4
N3
N7
N6
N8
N1 0
N9
N5
N1 1 N1 2 N1 3
1
0
C ode
1s t
ST B
14- b i t N C ount er
Do n ' t Ca r e
N1
N0
N2
N4
N3
N7
N6
N8
N1 0
N9
N5
N1 1 N1 2 N1 3
0
1
C ode
1s t
ST B
1s t
ST B
D on' t C a r e
TX L D RX L D
RS S I
ND
SI G O U T
L D , RS S I , ND S e l e c t i o n
TX
RF
A F
CP
M U T E
B a tte r y
Sa v i n g
C har ge
Pu m p
C u r r ent
CO M P
MU T E
RX
RF
A F
CP
M U T E
B a tte r y
Sa v i n g
C har ge
Pu m p
C u r r ent
EX P
MU T E
BA 1
BA 2
BA T
BA T T E R Y
AL A R M
T h r e s hol d
00
C ode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com