Electronic Components Datasheet Search
  English  ▼

X  

PS2625 Datasheet(PDF) 3 Page - NEC

Part # PS2625
Description  HIGH ISOLATION VOLTAGE AC INPUT LARGE FORWARD AC INPUT TYPE 6 PIN PHOTOCOUPLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2625 Datasheet(HTML) 3 Page - NEC

  PS2625 Datasheet HTML 1Page - NEC PS2625 Datasheet HTML 2Page - NEC PS2625 Datasheet HTML 3Page - NEC PS2625 Datasheet HTML 4Page - NEC PS2625 Datasheet HTML 5Page - NEC PS2625 Datasheet HTML 6Page - NEC PS2625 Datasheet HTML 7Page - NEC PS2625 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
PS2625, PS2626, PS2625L, PS2626L
ABSOLUTE MAXIMUM RATINGS (TA = 25 ˚C)
Diode
Forward Current (DC)
IF
±150
mA
Power Dissipation Derating
∆PD/˚C
2.0
mW/˚C
Power Dissipation
PD
200
mW
Peak Forward Current
IF(Peak)
±1A
(PW = 100
µs, Duty Cycle 1 %)
Transistor
Collector to Emitter Voltage
VCEO
80
V
Emitter to Collector Voltage
VECO
7V
Collector Current
IC
50
mA
Power Dissipation Derating
∆PC/˚C
1.5
mW/˚C
Power Dissipation
PC
150
mW
Coupled
Isolation Voltage *1)
BV
5 000
Vr.m.s.
Storage Temperature
Tstg
–55 to +150
˚C
Operating Temperature
Topt
–55 to +100
˚C
*1) AC voltage for 1 minute at TA = 25 ˚C, RH = 60 % between input (Pin No. 1, 2, 3, Common) and output (Pin No.
4, 5, 6 Common).
ELECTRICAL CHARACTERISTICS (TA = 25 ˚C)
CHARACTERISTIC
SYMBOL
MIN.
TYP.
MAX.
UNIT
TEST CONDITIONS
Diode
Forward Voltage
VF
1.3
1.7
V
IF =
±100 mA
Junction Capacitance
C
140
pF
V = 0, f = 1.0 MHz
Transistor
Collector to Emitter Dark
ICEO
100
nA
VCE = 80 V, IF = 0
Current
DC Current Gain*2)
hFE
700
IC = 2 mA, VCE = 5 V
Coupled
Current Transfer Ratio
CTR
20
50
%
IF =
±100 mA, VCE = 3 V
CTR Ratio*3)
CTR1/CTR2
0.3
1.0
3.0
IF =
±100 mA, VCE = 3 V
Collector Saturation Voltage VCE(sat)
0.3
V
IF =
±100 mA, IC = 4 mA
Isolation Resistance
R1-2
1011
Ω
Vin-out = 1.0 kV
Isolation Capacitance
C1-2
0.6
pF
V = 0, f = 1.0 MHz
Rise Time*4)
tr
3
µs
VCC = 5 V, IC = 2 mA, RL = 100
Ω
Fall Time*4)
tf
5
µs
VCC = 5 V, IC = 2 mA, RL = 100
Ω
*2) PS2625, PS2625L only
*4) Test Circuit for Switching Time
*3)
CTR1 =
IC1
, CTR2 =
IC2
IF1
IF2
IC1
IC2
IF1
IF2
VCC
VOUT
RL = 100
Ω
50
Ω
PULSE INPUT
PW = 100
s
Duty Cycle = 1/10
IF
µ



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com