Electronic Components Datasheet Search
  English  ▼

X  

PS2625 Datasheet(PDF) 4 Page - NEC

Part # PS2625
Description  HIGH ISOLATION VOLTAGE AC INPUT LARGE FORWARD AC INPUT TYPE 6 PIN PHOTOCOUPLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2625 Datasheet(HTML) 4 Page - NEC

  PS2625 Datasheet HTML 1Page - NEC PS2625 Datasheet HTML 2Page - NEC PS2625 Datasheet HTML 3Page - NEC PS2625 Datasheet HTML 4Page - NEC PS2625 Datasheet HTML 5Page - NEC PS2625 Datasheet HTML 6Page - NEC PS2625 Datasheet HTML 7Page - NEC PS2625 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
PS2625, PS2626, PS2625L, PS2626L
TYPICAL CHARACTERISTICS (TA = 25 ˚C)
25
50
75
100
0
50
100
150
200
TA – Ambient Temperature – ˚C
DIODE POWER DISSIPATION VS.
AMBIENT TEMPERATURE
25
50
75
100
0
50
100
150
200
TA – Ambient Temperature – ˚C
TRANSISTOR POWER DISSIPATION VS.
AMBIENT TEMPERATURE
–1.5
–150
–100
–50
0
50
100
150
VF – Forward Voltage – V
FORWARD CURRENT vs.
FORWARD VOLTAGE
–1.0
–0.5
0
0.5
1.0
1.5
0.6
0.01
FORWARD CURRENT vs.
FORWARD VOLTAGE
VF – Forward Voltage – V
0.1
1
10
100
0.8
1
1.2
1.4
1.6
100 ˚C
75 ˚C
50 ˚C
25 ˚C
0 ˚C
–25 ˚C
–55 ˚C
COLLECTOR TO EMITTER DARK CURRENT
vs. AMBIENT TEMPERATURE
TA – Ambient Temperature – ˚C
10000
1000
100
10
1
0.1
–60 –40
–20
0
20
40
60
80
100
10 V
80 V
40 V
24 V
VCE = 5 V
VCE(sat) – Collector Saturation Voltage – V
100
10
1
0.1
0.01
COLLECTOR CURRENT vs.
COLLECTOR SATURATION VOLTAGE
0.2
0
0.4
0.6
1
0.8
IF = 50 mA
20 mA
5 mA
10 mA
2 mA
1 mA



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com