Electronic Components Datasheet Search
  English  ▼

X  

PS2625 Datasheet(PDF) 1 Page - NEC

Part # PS2625
Description  HIGH ISOLATION VOLTAGE AC INPUT LARGE FORWARD AC INPUT TYPE 6 PIN PHOTOCOUPLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2625 Datasheet(HTML) 1 Page - NEC

  PS2625 Datasheet HTML 1Page - NEC PS2625 Datasheet HTML 2Page - NEC PS2625 Datasheet HTML 3Page - NEC PS2625 Datasheet HTML 4Page - NEC PS2625 Datasheet HTML 5Page - NEC PS2625 Datasheet HTML 6Page - NEC PS2625 Datasheet HTML 7Page - NEC PS2625 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
©
1988
DATA SHEET
PHOTOCOUPLER
Document No. P11293EJ3V0DS00 (3rd edition)
(Previous No. LC-2125A)
Date Published February 1996 P
Printed in Japan
PS2625, PS2626, PS2625L, PS2626L
DESCRIPTION
PS2625, PS2626 and PS2625L, PS2626L are optically coupled isolators containing a GaAs light emitting diode
and an NPN silicon phototransistor.
PS2625, PS2626 are in a plastic DIP (Dual In-line Package).
PS2625L, PS2626L are lead bending type (Gull-wing) for surface mount.
PS2625, PS2625L have base pin and PS2622, PS2622L have no base pin.
FEATURES
•
High isolation voltage (BV: 5 kVr.m.s. MIN.)
•
AC input response
•
Large forward input (current) (IF:
±150 mA MAX.)
•
High collector to emitter voltage (VCEO: 80 V MIN.)
•
High speed switching (tr = 3
µs, tf = 5 µs TYP.)
•
UL recognized [File No. E72422(S)]
•
Taping product name (PS2625L-E3, E4, PS2626L-E3, E4)
APPLICATIONS
Interface circuit for various instrumentations, control equipments.
•
AC Line/Digital Logic ............................................................ Isolate high voltage transient
•
Digital Logic/Digital Logic ..................................................... Eliminate spurious ground loops
•
Twisted pair line receiver ..................................................... Eliminate ground loop pick-up
•
Telephone/Telegraph line receiver ...................................... Isolate high voltage transient
•
High Frequency Power Supply Feedback Control .............. Maintain floating ground
— NEPOC Series —
HIGH ISOLATION VOLTAGE AC INPUT
LARGE FORWARD AC INPUT TYPE
6 PIN PHOTOCOUPLER


Similar Part No. - PS2625

ManufacturerPart #DatasheetDescription
logo
NEC
PS2625 NEC-PS2625 Datasheet
223Kb / 38P
Optocoupler Applications
logo
California Eastern Labs
PS2625 CEL-PS2625 Datasheet
129Kb / 4P
HIGH ISOLATION VOLTAGE AC INPUT LARGE FORWARD AC INPUT TYPE 6 PIN OPTOCOUPLER
PS2625 CEL-PS2625 Datasheet
120Kb / 3P
Safety Standard Certificate for Photocoupler
logo
NEC
PS2625L NEC-PS2625L Datasheet
223Kb / 38P
Optocoupler Applications
logo
California Eastern Labs
PS2625L CEL-PS2625L Datasheet
129Kb / 4P
HIGH ISOLATION VOLTAGE AC INPUT LARGE FORWARD AC INPUT TYPE 6 PIN OPTOCOUPLER
More results

Similar Description - PS2625

ManufacturerPart #DatasheetDescription
logo
NEC
PS2521-1 NEC-PS2521-1 Datasheet
123Kb / 12P
LARGE FORWARD INPUT TYPE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
PS2525-1 NEC-PS2525-1 Datasheet
130Kb / 12P
LARGE FORWARD INPUT TYPE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SIRIES
PS2765-1 NEC-PS2765-1 Datasheet
79Kb / 7P
HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE 4-PIN SOP PHOTOCOUPLER
logo
California Eastern Labs
PS2765-1 CEL-PS2765-1 Datasheet
86Kb / 6P
HIGH ISOLATION VOLTAGE AC INPUT 4-PIN SOP PHOTOCOUPLER
PS2521-1 CEL-PS2521-1 Datasheet
374Kb / 14P
LARGE FORWARD INPUT TYPE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
PS2525-1 CEL-PS2525-1 Datasheet
433Kb / 15P
LARGE FORWARD INPUT TYPE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
PS2521-1 CEL-PS2521-1_06 Datasheet
361Kb / 14P
LARGE FORWARD INPUT TYPE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2521-1 RENESAS-PS2521-1 Datasheet
270Kb / 14P
LARGE FORWARD INPUT TYPE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
PS2525-1 RENESAS-PS2525-1 Datasheet
274Kb / 14P
LARGE FORWARD INPUT TYPE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2625 CEL-PS2625 Datasheet
129Kb / 4P
HIGH ISOLATION VOLTAGE AC INPUT LARGE FORWARD AC INPUT TYPE 6 PIN OPTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com