Electronic Components Datasheet Search
  English  ▼

X  

PS2625 Datasheet(PDF) 6 Page - NEC

Part # PS2625
Description  HIGH ISOLATION VOLTAGE AC INPUT LARGE FORWARD AC INPUT TYPE 6 PIN PHOTOCOUPLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2625 Datasheet(HTML) 6 Page - NEC

  PS2625 Datasheet HTML 1Page - NEC PS2625 Datasheet HTML 2Page - NEC PS2625 Datasheet HTML 3Page - NEC PS2625 Datasheet HTML 4Page - NEC PS2625 Datasheet HTML 5Page - NEC PS2625 Datasheet HTML 6Page - NEC PS2625 Datasheet HTML 7Page - NEC PS2625 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
PS2625, PS2626, PS2625L, PS2626L
SOLDERING PRECAUTION
(1) Infrared reflow soldering
• Peak reflow temperature
: 235 ˚C or below (Plastic surface temperature)
• Reflow time
: 30 seconds or less
(Time period during which the plastic surface temperature is 210 ˚C)
• Number of reflow processes : Three
• Flux
: Rosin flux containing small amount of chlorine
(The flux with a maximum chlorine content of 0.2 Wt % is recommended.)
INFRARED RAY REFLOW TEMPERATURE PROFILE
Peak Temperature 235 ˚C or Lower
TIME (s)
60 to 90 s
(PRE-HEAT)
120 to 160 ˚C
(ACTUAL HEAT)
to 10 s
235 ˚C MAX.
210 ˚C
to 30 s
(2) Dip soldering
• Peak temperature
:
260 ˚C or lower
• Time
:
10 s or less
• Flux
:
Rosin-base flux



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com