Electronic Components Datasheet Search
  English  ▼

X  

PS2625 Datasheet(PDF) 5 Page - NEC

Part # PS2625
Description  HIGH ISOLATION VOLTAGE AC INPUT LARGE FORWARD AC INPUT TYPE 6 PIN PHOTOCOUPLER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2625 Datasheet(HTML) 5 Page - NEC

  PS2625 Datasheet HTML 1Page - NEC PS2625 Datasheet HTML 2Page - NEC PS2625 Datasheet HTML 3Page - NEC PS2625 Datasheet HTML 4Page - NEC PS2625 Datasheet HTML 5Page - NEC PS2625 Datasheet HTML 6Page - NEC PS2625 Datasheet HTML 7Page - NEC PS2625 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
PS2625, PS2626, PS2625L, PS2626L
NORMALIZED OUTPUT CURRENT vs.
AMBIENT TEMPERATURE
–55
TA – Ambient Temperature – ˚C
Normalized to 1.0
at TA = 25 ˚C
IF = 100 mA, VCE = 3 V
0
–25
0
25
50
75
100
0.2
0.4
0.6
0.8
1
1.2
1.4
SWITCHING TIME vs.
LOAD RESISTANCE
RL – Load Resistance –
Ω
VCC = 10 V
IC = 2 mA
50
100
500
1 k
2 k
100
ton
toff
tf
tr
50
10
5
1
f – Frequency – Hz
100
–12
RL = 100
Ω
FREQUENCY RESPONSE
–9
–6
–3
0
1k
10k
100k
500
Ω
RL
50
Ω
1k
lC = 2 mA
VCC = 5 V
330
F
µ
50
0
0.1
0.5
1
5
10
50 100
250
200
150
100
CURRENT TRANSFER RATIO (CTR) vs.
FORWARD CURRENT
IF – Forward Current – mA
VCE = 3 V
Sample A
B
C
102
103
104
105
0
0.2
0.4
0.6
0.8
1.0
CTR DEGRADATION
Time – Hr
CTR Test condition
IF = 5 mA, VCE = 5 V
IF = 40 mA
IF = 5 mA
IF = 20
mA
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
24
6
10
0
VCE – Collector to Emitter Voltage – V
10
40
60
70
8
20
30
50
50
mA
20
mA
10
mA
IF = 5 mA
5
The measurement of TYPICAL CHARACTERISTICS are only for reference, not guaranteed.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com