Electronic Components Datasheet Search
  English  ▼

X  

AT90PWM216 Datasheet(PDF) 25 Page - ATMEL Corporation

Part # AT90PWM216
Description  Atmel 8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  344 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM216 Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button AT90PWM216 Datasheet HTML 21Page - ATMEL Corporation AT90PWM216 Datasheet HTML 22Page - ATMEL Corporation AT90PWM216 Datasheet HTML 23Page - ATMEL Corporation AT90PWM216 Datasheet HTML 24Page - ATMEL Corporation AT90PWM216 Datasheet HTML 25Page - ATMEL Corporation AT90PWM216 Datasheet HTML 26Page - ATMEL Corporation AT90PWM216 Datasheet HTML 27Page - ATMEL Corporation AT90PWM216 Datasheet HTML 28Page - ATMEL Corporation AT90PWM216 Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 344 page
background image
25
AT90PWM216/316 [DATASHEET]
7710H–AVR–07/2013
6.
System Clock
6.1
Clock Systems and their Distribution
Figure 6-1 presents the principal clock systems in the AVR and their distribution. All of the clocks need not be
active at a given time. In order to reduce power consumption, the clocks to unused modules can be halted by using
different sleep modes, as described in “Power Management and Sleep Modes” on page 35. The clock systems are
detailed below.
Figure 6-1.
Clock Distribution AT90PWM216/316
6.1.1
CPU Clock – clk
CPU
The CPU clock is routed to parts of the system concerned with operation of the AVR core. Examples of such mod-
ules are the General Purpose Register File, the Status Register and the data memory holding the Stack Pointer.
Halting the CPU clock inhibits the core from performing general operations and calculations.
6.1.2
I/O Clock – clk
I/O
The I/O clock is used by the majority of the I/O modules, like Timer/Counters, SPI, USART. The I/O clock is also
used by the External Interrupt module, but note that some external interrupts are detected by asynchronous logic,
allowing such interrupts to be detected even if the I/O clock is halted.
6.1.3
Flash Clock – clk
FLASH
The Flash clock controls operation of the Flash interface. The Flash clock is usually active simultaneously with the
CPU clock.
General I/O
Modules
ADC
CPU Core
RAM
clk
I/O
AVR Clock
Control Unit
clk
CPU
Flash and
EEPROM
clk
FLASH
clk
ADC
Source Clock
Watchdog Timer
Watchdog
Oscillator
Reset Logic
Clock
Multiplexer
Watchdog Clock
Calibrated RC
Oscillator
(Crystal
Oscillator)
External Clock
PSC0/1/2
PLL
CLK
PLL
Multiplexer
PLL Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com