Electronic Components Datasheet Search
  English  ▼

X  

AT90PWM216 Datasheet(PDF) 52 Page - ATMEL Corporation

Part # AT90PWM216
Description  Atmel 8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  344 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM216 Datasheet(HTML) 52 Page - ATMEL Corporation

Back Button AT90PWM216 Datasheet HTML 48Page - ATMEL Corporation AT90PWM216 Datasheet HTML 49Page - ATMEL Corporation AT90PWM216 Datasheet HTML 50Page - ATMEL Corporation AT90PWM216 Datasheet HTML 51Page - ATMEL Corporation AT90PWM216 Datasheet HTML 52Page - ATMEL Corporation AT90PWM216 Datasheet HTML 53Page - ATMEL Corporation AT90PWM216 Datasheet HTML 54Page - ATMEL Corporation AT90PWM216 Datasheet HTML 55Page - ATMEL Corporation AT90PWM216 Datasheet HTML 56Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 344 page
background image
52
AT90PWM216/316 [DATASHEET]
7710H–AVR–07/2013
Notes:
1. When the BOOTRST Fuse is programmed, the device will jump to the Boot Loader address at reset, see “Boot
Loader Support – Read-While-Write Self-Programming” on page 251.
2. When the IVSEL bit in MCUCR is set, Interrupt Vectors will be moved to the start of the Boot Flash Section. The
address of each Interrupt Vector will then be the address in this table added to the start address of the Boot Flash
Section.
Table 9-2 shows reset and Interrupt Vectors placement for the various combinations of BOOTRST and IVSEL set-
tings. If the program never enables an interrupt source, the Interrupt Vectors are not used, and regular program
code can be placed at these locations. This is also the case if the Reset Vector is in the Application section while
the Interrupt Vectors are in the Boot section or vice versa.
Note:
1. The Boot Reset Address is shown in Table 23-6 on page 263. For the BOOTRST Fuse “1” means unprogrammed
while “0” means programmed.
The most typical and general program setup for the Reset and Interrupt Vector Addresses in AT90PWM216/316 is:
Address
Labels Code
Comments
0x000
rjmp
RESET
; Reset Handler
0x002
rjmp
PSC2_CAPT
; PSC2 Capture event Handler
0x004
rjmp
PSC2_EC
; PSC2 End Cycle Handler
0x006
rjmp
PSC1_CAPT
; PSC1 Capture event Handler
0x008
rjmp
PSC1_EC
; PSC1 End Cycle Handler
0x00A
rjmp
PSC0_CAPT
; PSC0 Capture event Handler
0x00C
rjmp
PSC0_EC
; PSC0 End Cycle Handler
0x00E
rjmp
ANA_COMP_0
; Analog Comparator 0 Handler
0x010
rjmp
ANA_COMP_1
; Analog Comparator 1 Handler
0x012
rjmp
ANA_COMP_2
; Analog Comparator 2 Handler
0x014
rjmp
EXT_INT0
; IRQ0 Handler
0x016
rjmp
TIM1_CAPT
; Timer1 Capture Handler
0x01A
rjmp
TIM1_COMPA
; Timer1 Compare A Handler
0x01C
rjmp
TIM1_COMPB
; Timer1 Compare B Handler
0x01E
rjmp
TIM1_OVF
; Timer1 Overflow Handler
0x020
rjmp
TIM0_COMPA
; Timer0 Compare A Handler
0x022
rjmp
TIM0_OVF
; Timer0 Overflow Handler
0x024
rjmp
ADC
; ADC Conversion Complete Handler
0x026
rjmp
EXT_INT1
; IRQ1 Handler
30
0x003A
31
0x003C
32
0x003E
SPM READY
Store Program Memory Ready
Table 9-2.
Reset and Interrupt Vectors Placement in AT90PWM216/316(1)
BOOTRST
IVSEL
Reset Address
Interrupt Vectors Start Address
1
0
0x000
0x001
1
1
0x000
Boot Reset Address + 0x001
0
0
Boot Reset Address
0x001
0
1
Boot Reset Address
Boot Reset Address + 0x001
Table 9-1.
Reset and Interrupt Vectors
Vector
No.
Program
Address
Source
Interrupt Definition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com