Electronic Components Datasheet Search
  English  ▼

X  

AT90PWM216 Datasheet(PDF) 45 Page - ATMEL Corporation

Part # AT90PWM216
Description  Atmel 8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  344 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM216 Datasheet(HTML) 45 Page - ATMEL Corporation

Back Button AT90PWM216 Datasheet HTML 41Page - ATMEL Corporation AT90PWM216 Datasheet HTML 42Page - ATMEL Corporation AT90PWM216 Datasheet HTML 43Page - ATMEL Corporation AT90PWM216 Datasheet HTML 44Page - ATMEL Corporation AT90PWM216 Datasheet HTML 45Page - ATMEL Corporation AT90PWM216 Datasheet HTML 46Page - ATMEL Corporation AT90PWM216 Datasheet HTML 47Page - ATMEL Corporation AT90PWM216 Datasheet HTML 48Page - ATMEL Corporation AT90PWM216 Datasheet HTML 49Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 344 page
background image
45
AT90PWM216/316 [DATASHEET]
7710H–AVR–07/2013
8.8.2
Voltage Reference Characteristics
Note:
1. Values are guidelines only.
8.9
Watchdog Timer
AT90PWM216/316 has an Enhanced Watchdog Timer (WDT). The main features are:
• Clocked from separate On-chip Oscillator
• 3 Operating modes
–Interrupt
– System Reset
– Interrupt and System Reset
• Selectable Time-out period from 16ms to 8s
• Possible Hardware fuse Watchdog always on (WDTON) for fail-safe mode
Figure 8-7.
Watchdog Timer
The Watchdog Timer (WDT) is a timer counting cycles of a separate on-chip 128 kHz oscillator. The WDT gives an
interrupt or a system reset when the counter reaches a given time-out value. In normal operation mode, it is
required that the system uses the WDR - Watchdog Timer Reset - instruction to restart the counter before the time-
out value is reached. If the system doesn't restart the counter, an interrupt or system reset will be issued.
In Interrupt mode, the WDT gives an interrupt when the timer expires. This interrupt can be used to wake the
device from sleep-modes, and also as a general system timer. One example is to limit the maximum time allowed
for certain operations, giving an interrupt when the operation has run longer than expected. In System Reset mode,
the WDT gives a reset when the timer expires. This is typically used to prevent system hang-up in case of runaway
code. The third mode, Interrupt and System Reset mode, combines the other two modes by first giving an interrupt
Table 8-4.
Internal Voltage Reference Characteristics
(1)
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
VBG
Bandgap reference voltage
1.1
V
tBG
Bandgap reference start-up time
40
µs
IBG
Bandgap reference current consumption
15
µA
128 KHz
OSCILLATOR
MCU RESET
INTERRUPT
WDIE
WDIF
WDP3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com