Electronic Components Datasheet Search
  English  ▼

X  

AT90PWM216 Datasheet(PDF) 49 Page - ATMEL Corporation

Part # AT90PWM216
Description  Atmel 8-bit Microcontroller with 16K Bytes In-System Programmable Flash
PDF  344 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM216 Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button AT90PWM216 Datasheet HTML 45Page - ATMEL Corporation AT90PWM216 Datasheet HTML 46Page - ATMEL Corporation AT90PWM216 Datasheet HTML 47Page - ATMEL Corporation AT90PWM216 Datasheet HTML 48Page - ATMEL Corporation AT90PWM216 Datasheet HTML 49Page - ATMEL Corporation AT90PWM216 Datasheet HTML 50Page - ATMEL Corporation AT90PWM216 Datasheet HTML 51Page - ATMEL Corporation AT90PWM216 Datasheet HTML 52Page - ATMEL Corporation AT90PWM216 Datasheet HTML 53Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 344 page
background image
49
AT90PWM216/316 [DATASHEET]
7710H–AVR–07/2013
• Bit 6 - WDIE: Watchdog Interrupt Enable
When this bit is written to one and the I-bit in the Status Register is set, the Watchdog Interrupt is enabled. If WDE
is cleared in combination with this setting, the Watchdog Timer is in Interrupt Mode, and the corresponding inter-
rupt is executed if time-out in the Watchdog Timer occurs.
If WDE is set, the Watchdog Timer is in Interrupt and System Reset Mode. The first time-out in the Watchdog
Timer will set WDIF. Executing the corresponding interrupt vector will clear WDIE and WDIF automatically by hard-
ware (the Watchdog goes to System Reset Mode). This is useful for keeping the Watchdog Timer security while
using the interrupt. To stay in Interrupt and System Reset Mode, WDIE must be set after each interrupt. This
should however not be done within the interrupt service routine itself, as this might compromise the safety-function
of the Watchdog System Reset mode. If the interrupt is not executed before the next time-out, a System Reset will
be applied.
Note:
1. For the WDTON Fuse “1” means unprogrammed while “0” means programmed.
• Bit 4 - WDCE: Watchdog Change Enable
This bit is used in timed sequences for changing WDE and prescaler bits. To clear the WDE bit, and/or change the
prescaler bits, WDCE must be set.
Once written to one, hardware will clear WDCE after four clock cycles.
• Bit 3 - WDE: Watchdog System Reset Enable
WDE is overridden by WDRF in MCUSR. This means that WDE is always set when WDRF is set. To clear WDE,
WDRF must be cleared first. This feature ensures multiple resets during conditions causing failure, and a safe
start-up after the failure.
• Bit 5, 2..0 - WDP3..0: Watchdog Timer Prescaler 3, 2, 1 and 0
The WDP3..0 bits determine the Watchdog Timer prescaling when the Watchdog Timer is running. The different
prescaling values and their corresponding time-out periods are shown in Table 8-6 on page 50.
Table 8-5.
Watchdog Timer Configuration
WDTON
(1)
WDE
WDIE
Mode
Action on Time-out
0
0
0
Stopped
None
0
0
1
Interrupt Mode
Interrupt
0
1
0
System Reset Mode
Reset
0
1
1
Interrupt and System Reset Mode
Interrupt, then go to System Reset Mode
1
x
x
System Reset Mode
Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com