Electronic Components Datasheet Search
  English  ▼

X  

HSC5094 Datasheet(PDF) 2 Page - Hi-Sincerity Mocroelectronics

Part # HSC5094
Description  NPN SILICON BIPOLAR TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HSC5094 Datasheet(HTML) 2 Page - Hi-Sincerity Mocroelectronics

  HSC5094 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HSC5094 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HSC5094 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics HSC5094 Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics HSC5094 Datasheet HTML 5Page - Hi-Sincerity Mocroelectronics HSC5094 Datasheet HTML 6Page - Hi-Sincerity Mocroelectronics HSC5094 Datasheet HTML 7Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HN200103
Issued Date : 1999.08.01
Revised Date : 2002.10.25
Page No. : 2/7
HSC5094
HSMC Product Specification
S-Parameters
• VC=2V, IC=4.2mA, IB=60uA
FREQ.
S11
S21
S12
S22
(GHz)
Mag
Ang
Mag
Ang
Mag
Ang
Mag
Ang
0.3
0.604
-54.55
7.842
133.59
0.067
51.54
0.669
-35.46
0.4
0.524
-68.94
7.093
123.62
0.077
48.20
0.583
-39.37
0.5
0.454
-81.62
6.422
114.96
0.084
46.25
0.518
-41.88
0.6
0.399
-92.38
5.768
107.71
0.090
45.71
0.468
-43.32
0.7
0.355
-102.51
5.226
101.24
0.096
45.45
0.431
-44.21
0.8
0.320
-111.90
4.756
95.56
0.101
45.48
0.400
-44.69
0.9
0.291
-121.04
4.367
90.53
0.107
46.55
0.380
-44.62
1
0.268
-129.71
4.011
85.55
0.113
46.59
0.364
-45.20
1.1
0.249
-138.30
3.717
81.44
0.118
47.32
0.348
-45.38
1.2
0.237
-147.20
3.490
77.18
0.125
48.06
0.339
-45.42
1.3
0.225
-155.29
3.229
73.05
0.131
48.45
0.330
-46.12
1.4
0.221
-163.42
3.049
69.95
0.137
48.55
0.324
-46.58
1.5
0.218
-171.96
2.880
65.80
0.144
49.30
0.318
-47.16
1.6
0.216
-179.45
2.708
62.11
0.151
49.54
0.314
-48.21
1.7
0.220
173.74
2.568
59.78
0.158
49.59
0.309
-48.87
1.8
0.223
166.14
2.465
55.42
0.167
49.92
0.310
-49.95
1.9
0.229
160.61
2.311
52.89
0.173
49.56
0.305
-51.14
2
0.239
154.93
2.230
50.57
0.181
49.96
0.305
-52.25
2.1
0.246
149.44
2.159
46.58
0.190
49.43
0.300
-54.01
2.2
0.255
146.00
2.032
44.85
0.198
49.13
0.298
-54.87
2.3
0.266
141.03
2.008
41.73
0.207
48.98
0.298
-56.73
2.4
0.275
137.61
1.914
38.98
0.215
48.15
0.295
-58.27
2.5
0.283
134.78
1.845
36.23
0.225
47.73
0.293
-60.00
2.6
0.296
131.62
1.807
34.63
0.235
47.19
0.293
-61.99
2.7
0.301
128.73
1.734
30.54
0.242
46.23
0.290
-63.35
2.8
0.314
126.55
1.678
29.10
0.252
45.96
0.292
-66.03
• Smoothed noise data (VC=2V, IC=4.2mA, IB=60uA)
FREQ.
FMIN
GAMMA OPT
Rn
Ga
F50-S
F50-M
G50
(GHz)
(dB)
Mag
Ang
(To 50)
(dB)
(dB)
(dB)
(dB)
0.3
0.80
0.622
13.9
0.45
18.89
1.67
2.33
17.89
0.6
1.01
0.401
29.9
0.35
15.66
1.4
1.74
15.22
0.9
1.21
0.282
48.2
0.29
13.05
1.42
2.01
12.80
1.2
1.42
0.239
68.6
0.27
10.97
1.57
1.82
10.86
1.5
1.63
0.246
90.8
0.24
9.34
1.79
1.79
9.19
1.8
1.84
0.276
114.6
0.21
8.08
2.04
2.45
7.84
2.1
2.04
0.303
139.6
0.16
7.10
2.30
1.87
6.69
2.4
2.25
0.301
165.5
0.14
6.33
2.50
2.50
5.64
2.7
2.46
0.242
-167.8
0.17
5.68
2.62
2.71
4.78
2.8
2.53
0.206
-158.8
0.19
5.48
2.65
2.91
4.50



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com