Electronic Components Datasheet Search
  English  ▼

X  

HSC5094 Datasheet(PDF) 1 Page - Hi-Sincerity Mocroelectronics

Part # HSC5094
Description  NPN SILICON BIPOLAR TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HSC5094 Datasheet(HTML) 1 Page - Hi-Sincerity Mocroelectronics

  HSC5094 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HSC5094 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HSC5094 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics HSC5094 Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics HSC5094 Datasheet HTML 5Page - Hi-Sincerity Mocroelectronics HSC5094 Datasheet HTML 6Page - Hi-Sincerity Mocroelectronics HSC5094 Datasheet HTML 7Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HN200103
Issued Date : 1999.08.01
Revised Date : 2002.10.25
Page No. : 1/7
HSC5094
HSMC Product Specification
HSC5094
NPN SILICON BIPOLAR TRANSISTOR
Description
The HSC5094 is a NPN Silicon Transistor designed for low noise
amplifier at VHF, UHF and CATV band.
Features
• Low Noise and High Gain: NF=1.4dB, Ga=12dB @ V
CE=2V, Ic=4.2mA, f=0.9GHz
• High Power Gain: MAG=13.5dB @ V
CE =5V, Ic =4.5mA, f=0.9GHz
Applications
• Low noise and high gain amplifiers
• Oscillator buffer amplifiers
Electrical Characteristics
• Maximum Ratings (Ta=25°C)
Parameters
Symbol
Min.
Typ.
Max.
Unit
Collector-Emitter Breakdown Voltage
V
CEO
-10
-
V
Collector-Base Breakdown Voltage
V
CBO
-18
-
V
Emitter-Base Breakdown Voltage
V
EBO @ IE=100uA
-
2.5
-
V
Collector Current
I
C
-*20
-mA
Collector Power Dissipation
P
C
-
150
-
mW
Junction Temperature
T
j
-
125
-
°C
Storage Temperature
T
stg
-50
-
125
°C
* Note: Here we define the point where the DC current gain drops off.
• Characterization Information (Ta=25°C)
Parameters
Conditions
Symbol
Min
Typ.
Max
Unit
Collector Cutoff Current
V
CB =3V
I
CBO
--
1
uA
Emitter Cutoff Current
V
EB =1V
I
EBO
--
1
uA
DC Current Gain
V
CE =2V, IC =1mA
h
FE
50
80
200
V
CE =1V, IC =10mA
-
7.6
-
GHz
Cutoff Frequency
V
CE =3V, IC =12mA
f
T
-9-
GHz
V
CE =2V, IC =4.2mA, f =0.9GHz
-
1.4
-
dB
Minimum Noise Figure
V
CE =5V, IC =4.5mA, f =0.9GHz
NF
min
-1.6
-
dB
V
CE =2V, IC =4.2mA, f =0.9GHz
-
12
-
dB
Associated Gain
V
CE =5V, IC =4.5mA, f =0.9GHz
G
A
-
13.5
-
dB
V
CE =2V, IC =4.2mA, f =0.9GHz
-
12.8
-
dB
Insertion Gain |S
21|
2
in 50 Ohm system
V
CE =5V, IC =4.5mA, f =0.9GHz
|S
21|
2
-
13.5
-
dB
SOT-23


Similar Part No. - HSC5094

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
HSC50680RE MACOM-HSC50680RE Datasheet
175Kb / 4P
Aluminium Housed Power Resistors
logo
TE Connectivity Ltd
HSC50680RE TEC-HSC50680RE Datasheet
180Kb / 4P
Aluminium Housed Power Resistors
logo
Tyco Electronics
HSC50680RF MACOM-HSC50680RF Datasheet
175Kb / 4P
Aluminium Housed Power Resistors
logo
TE Connectivity Ltd
HSC50680RF TEC-HSC50680RF Datasheet
180Kb / 4P
Aluminium Housed Power Resistors
logo
Tyco Electronics
HSC50680RG MACOM-HSC50680RG Datasheet
175Kb / 4P
Aluminium Housed Power Resistors
More results

Similar Description - HSC5094

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
AT41470 ASI-AT41470 Datasheet
14Kb / 1P
NPN SILICON BIPOLAR TRANSISTOR
logo
Microsemi Corporation
JAN2N2369A MICROSEMI-JAN2N2369A Datasheet
75Kb / 2P
NPN BIPOLAR TRANSISTOR
logo
Hitachi Semiconductor
2SC4992 HITACHI-2SC4992 Datasheet
43Kb / 6P
Silicon NPN Bipolar Transistor
logo
Seme LAB
2N4269S SEME-LAB-2N4269S Datasheet
23Kb / 2P
BIPOLAR NPN SILICON TRANSISTOR
2N4272 SEME-LAB-2N4272 Datasheet
39Kb / 2P
BIPOLAR NPN SILICON TRANSISTOR
BFY77 SEME-LAB-BFY77_10 Datasheet
208Kb / 2P
BIPOLAR NPN SILICON TRANSISTOR
logo
TT Electronics.
2N1711 TTELEC-2N1711 Datasheet
720Kb / 3P
SILICON PLANAR NPN BIPOLAR TRANSISTOR
BUX62 TTELEC-BUX62 Datasheet
186Kb / 3P
SILICON NPN BIPOLAR TRANSISTOR
logo
SHIKUES Electronics
PZT3904 SKTECHNOLGY-PZT3904 Datasheet
432Kb / 2P
Silicon NPN bipolar Transistor
logo
List of Unclassifed Man...
D13009 ETC-D13009 Datasheet
453Kb / 1P
NPN Silicon Bipolar Transistor
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com