Electronic Components Datasheet Search
  English  ▼

X  

HSC5094 Datasheet(PDF) 4 Page - Hi-Sincerity Mocroelectronics

Part # HSC5094
Description  NPN SILICON BIPOLAR TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HSC5094 Datasheet(HTML) 4 Page - Hi-Sincerity Mocroelectronics

  HSC5094 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HSC5094 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HSC5094 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics HSC5094 Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics HSC5094 Datasheet HTML 5Page - Hi-Sincerity Mocroelectronics HSC5094 Datasheet HTML 6Page - Hi-Sincerity Mocroelectronics HSC5094 Datasheet HTML 7Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HN200103
Issued Date : 1999.08.01
Revised Date : 2002.10.25
Page No. : 4/7
HSC5094
HSMC Product Specification
HSPICE 2G.6 Model
• NPN BJT Parameters
IS=1.444E-16 (A)
IKR=10.0E-3
MJE=0.3882
TR=1.0E-9 (Sec)
BF=85.9
ISC=1.21E-16
TF=1.22E-11 (Sec)
CJS=2.43E-13 (F)
NF=1.0
NC=1.01
XTF=1.70
VJS=0.5734 (V)
VAF=45.9 (V)
RB=4.30 (Ohm)
VTF=0.69 (V)
MJS=0.3798
IKF=160.3E-3 (A)
IRB=20.0E-3 (A)
ITF=0.1 (A)
XTB=0.0
ISE=2.0E-18 (A)
RBM=2.78 (Ohm)
PTF=10.0 (deg)
EG=1.11 (eV)
NE=2.0
RE=1.011 (Ohm)
CJC=2.38E-13 (F)
XTI=3.0
BR=18.54
RC=16.69 (Ohm)
VJC=0.7 (V)
FC=0.9
NR=1.01
CJE=6.04E-13 (F)
MJC=0.4474
TNOM=25 (
°C)
VAR=6.299
VJE=1.003 (V)
XCJC=0.3
• B’-E’ DIODE Parameters
IS=1.0E-22 (A)
CJO=1.0E-15 (F)
XTI=3.0
KF=0.0
RS=10.0 (Ohm)
VJ=1.003 (V)
FC=0.9
AF=1.0
N=1.0
M=0.3882
BV=0.0 (V)
TNOM=25 (
°C)
TT=0.0 (Sec)
EG=1.11 (eV)
IBV=1.0E-3 (A)
• C’-S’ DIODE Parameters
IS=1.0E-22 (A)
CJO=1.0E-15 (F)
XTI=3.0
KF=0.0
RS=0.0 (Ohm)
VJ=0.5734 (V)
FC=0.5
AF=1.0
N=1.0
M=0.3798
BV=0.0 (V)
TNOM=27 (
°C)
TT=0.0 (Sec)
EG=1.11 (eV)
IBV=1.0E-3(A)
• Other Parasitic Parameters
R
EX=0.0 (Ohm)
R
SS=10.0 (Ohm)
C2=150 (fF)
L1=0.5 (nH)
R
BX=0.0 (Ohm)
R
SC=250.0 (Ohm)
C3=80 (fF)
L2=0.5 (nH)
R
CX=0.0 (Ohm)
C
SP=20.89 (fF)
Le=0.6 (nH)
L3=0.6 (nH)
R
SX=5.0 (Ohm)
C
SC=41.79 (fF)
Lb=0.85 (nH)
R
SP=450.0 (Ohm)
C1=70 (fF)
Lc=0 (nH)
Transistor Chip Equivalent Circuit
Package Equivalent Circuit
B
B’
R
BX
E
R
sp
R
EX
0.1nH
G-P
R
SS
C
SP
C’
C
S’
R
SC
R
SX
C
SC
Transistor
Chip
Collector
Base
Emitter
C
3
C
1
C2
L
C
L
2
L
e
L
b
L
1
L
3
B
C
E
S



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com