Electronic Components Datasheet Search
  English  ▼

X  

HSC5094 Datasheet(PDF) 3 Page - Hi-Sincerity Mocroelectronics

Part # HSC5094
Description  NPN SILICON BIPOLAR TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HSC5094 Datasheet(HTML) 3 Page - Hi-Sincerity Mocroelectronics

  HSC5094 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HSC5094 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HSC5094 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics HSC5094 Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics HSC5094 Datasheet HTML 5Page - Hi-Sincerity Mocroelectronics HSC5094 Datasheet HTML 6Page - Hi-Sincerity Mocroelectronics HSC5094 Datasheet HTML 7Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HN200103
Issued Date : 1999.08.01
Revised Date : 2002.10.25
Page No. : 3/7
HSC5094
HSMC Product Specification
• VC=5V, IC=4.5mA, IB=60uA
FREQ.
S11
S21
S12
S22
(GHz)
Mag
Ang
Mag
Ang
Mag
Ang
Mag
Ang
0.3
0.601
-50.63
8.306
135.16
0.058
51.44
0.678
-29.88
0.4
0.520
-63.63
7.547
125.50
0.065
48.75
0.602
-32.11
0.5
0.448
-75.05
6.868
116.98
0.072
47.60
0.546
-33.33
0.6
0.391
-84.69
6.188
109.83
0.077
47.52
0.505
-33.75
0.7
0.343
-93.82
5.624
103.45
0.082
47.79
0.475
-33.95
0.8
0.304
-102.33
5.124
97.83
0.087
48.29
0.451
-33.81
0.9
0.271
-110.71
4.716
92.86
0.092
49.77
0.436
-33.39
1
0.244
-118.73
4.336
87.94
0.097
50.18
0.424
-33.71
1.1
0.221
-126.87
4.014
83.94
0.102
51.28
0.412
-33.60
1.2
0.204
-135.86
3.777
79.76
0.108
52.42
0.407
-33.56
1.3
0.188
-144.08
3.486
75.61
0.114
53.16
0.401
-34.10
1.4
0.180
-153.03
3.297
72.75
0.120
53.50
0.398
-34.42
1.5
0.174
-162.61
3.121
68.59
0.126
54.63
0.395
-34.93
1.6
0.168
-171.25
2.930
64.89
0.133
55.21
0.393
-35.76
1.7
0.171
-179.18
2.777
62.84
0.140
55.36
0.390
-36.39
1.8
0.173
171.39
2.676
58.35
0.148
56.18
0.393
-37.29
1.9
0.177
164.95
2.496
55.94
0.155
55.92
0.390
-38.39
2
0.187
158.33
2.413
53.90
0.162
56.69
0.393
-39.34
2.1
0.193
151.69
2.345
49.72
0.171
56.35
0.390
-40.76
2.2
0.202
148.00
2.192
48.29
0.178
56.24
0.389
-41.57
2.3
0.214
142.43
2.181
45.23
0.189
56.43
0.392
-43.10
2.4
0.223
138.68
2.076
42.50
0.196
55.84
0.390
-44.47
2.5
0.230
135.64
1.997
39.66
0.206
55.56
0.390
-46.00
2.6
0.244
132.44
1.961
38.47
0.217
55.08
0.392
-47.69
2.7
0.249
129.17
1.884
33.93
0.224
54.51
0.391
-48.94
2.8
0.262
127.23
1.820
32.88
0.235
54.48
0.395
-51.05
• Smoothed noise data (VC=5V, IC=4.5mA, IB=60uA)
FREQ.
FMIN
GAMMA OPT
Rn
Ga
F50-S
F50-M
G50
(GHz)
(dB)
Mag
Ang
(To 50)
(dB)
(dB)
(dB)
(dB)
0.3
0.87
0.631
12.4
0.49
19.43
1.80
2.40
18.39
0.6
1.08
0.411
26.3
0.38
16.36
1.51
1.84
15.83
0.9
1.28
0.288
42.5
0.32
13.85
1.51
2.38
13.47
1.2
1.49
0.237
61.0
0.29
11.84
1.65
1.88
11.54
1.5
1.70
0.233
81.7
0.27
10.24
1.85
1.88
9.89
1.8
1.91
0.251
104.9
0.23
9.00
2.09
2.50
8.55
2.1
2.12
0.267
130.5
0.19
8.03
2.32
1.81
7.40
2.4
2.33
0.256
158.5
0.16
7.27
2.51
2.61
6.35
2.7
2.54
0.193
-170.9
0.19
6.64
2.64
2.63
5.50
2.8
2.61
0.157
-160.1
0.22
6.45
2.68
2.92
5.20



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com