Electronic Components Datasheet Search
  English  ▼

X  

HSC5094 Datasheet(PDF) 5 Page - Hi-Sincerity Mocroelectronics

Part # HSC5094
Description  NPN SILICON BIPOLAR TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HSMC [Hi-Sincerity Mocroelectronics]
Direct Link  http://www.hsmc.com.tw
Logo HSMC - Hi-Sincerity Mocroelectronics

HSC5094 Datasheet(HTML) 5 Page - Hi-Sincerity Mocroelectronics

  HSC5094 Datasheet HTML 1Page - Hi-Sincerity Mocroelectronics HSC5094 Datasheet HTML 2Page - Hi-Sincerity Mocroelectronics HSC5094 Datasheet HTML 3Page - Hi-Sincerity Mocroelectronics HSC5094 Datasheet HTML 4Page - Hi-Sincerity Mocroelectronics HSC5094 Datasheet HTML 5Page - Hi-Sincerity Mocroelectronics HSC5094 Datasheet HTML 6Page - Hi-Sincerity Mocroelectronics HSC5094 Datasheet HTML 7Page - Hi-Sincerity Mocroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
HI-SINCERITY
MICROELECTRONICS CORP.
Spec. No. : HN200103
Issued Date : 1999.08.01
Revised Date : 2002.10.25
Page No. : 5/7
HSC5094
HSMC Product Specification
Characteristics Curve
Fig.1 Typical Forward Gummel Plot
1.00E-10
1.00E-09
1.00E-08
1.00E-07
1.00E-06
1.00E-05
1.00E-04
1.00E-03
1.00E-02
1.00E-01
1.00E+00
0
0.2
0.4
0.6
0.8
1
1.2
Base-Emitter Bias Voltage (V)
VCE=1V
Fig.2 Typical Forward Current Gain & Collector Current
0
10
20
30
40
50
60
70
80
90
100
1.0E-08 1.0E-07 1.0E-06 1.0E-05 1.0E-04 1.0E-03 1.0E-02 1.0E-01 1.0E+00
Collector Current (A)
VCE=1V
Fig.3 Typical Output Characteristics
0.0E+00
1.0E-03
2.0E-03
3.0E-03
4.0E-03
5.0E-03
01
2
3
45
Collector Voltage (V)
Ib=10uA
Ib=20uA
Ib=30uA
Ib=40uA
Ib=50uA
Fig.4 Typical fT & Collector Current
0.0E+00
1.0E+09
2.0E+09
3.0E+09
4.0E+09
5.0E+09
6.0E+09
7.0E+09
8.0E+09
9.0E+09
1.0E+10
1.0E-04
1.0E-03
1.0E-02
1.0E-01
Collector Current (A)
Vce = 1V
Vce = 3 V
Fig.5 Typical NFmin & Collector Current
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
0.1
1
10
100
Collector Current (mA)
VCE=2V
Fig.6 Typical Associated Gain & Collector Current
0
2
4
6
8
10
12
14
16
18
20
0.1
1
10
100
Collector Current (mA)
VCE=2V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com