Electronic Components Datasheet Search
  English  ▼

X  

GMS36 Datasheet(PDF) 101 Page - Hynix Semiconductor

Part # GMS36
Description  4-BIT SINGLE CHIP MICROCOMPUTERS
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS36 Datasheet(HTML) 101 Page - Hynix Semiconductor

Back Button GMS36 Datasheet HTML 97Page - Hynix Semiconductor GMS36 Datasheet HTML 98Page - Hynix Semiconductor GMS36 Datasheet HTML 99Page - Hynix Semiconductor GMS36 Datasheet HTML 100Page - Hynix Semiconductor GMS36 Datasheet HTML 101Page - Hynix Semiconductor GMS36 Datasheet HTML 102Page - Hynix Semiconductor GMS36 Datasheet HTML 103Page - Hynix Semiconductor GMS36 Datasheet HTML 104Page - Hynix Semiconductor GMS36 Datasheet HTML 105Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 109 page
background image
9-8
1) EPROM Write & Verify Mode (1Byte)
Program / Verify Timing Diagrams In MHz Version.
&RQWLQXH WR 1H[W 3DJH
2+  +LJK ELW 'DWD 2XWSXW
2/  /RZ ELW 'DWD 2XWSXW
$+  +LJK ELW $GGUHVV ,QSXW /DWFK
$/  /RZ ELW $GGUHVV ,QSXW /DWFK
'+  +LJK ELW 'DWD ,QSXW /DWFK
'/  /RZ ELW 'DWD ,QSXW /DWFK
0+  +LJK ELW 0RGH ,QSXW /DWFK
0/  /RZ ELW 0RGH ,QSXW /DWFK
26&
9''
9''+
79335
9,+3
79336
9''+
73
.a.
0+ 
.
.933
'a'


[ 73
7.'
7.6
5HVHW
(SURP :ULWH 0RGH VHWWLQJ

 %ORFN
 %ORFN
 %ORFN
 %ORFN
702'(
0/ 

 %ORFN

$+
7+/'
$GGU 
7'/<
7'/<
#. Note :
1. Internal system is reset at VPP = 12.5V and K2=`Low`
2. OSC1 is made of a block of 8 x Tp clock.
3. From this time when the reset is released (K2=`High`) , OSC1 clock is counted by 1-bolck.
4. If not written during 10 times repeats (120us), repeat the 5 times until all is written.
5. For device verify. If you set Lock bit, output data is always `0F`h.
Chapter 9. EPROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com