Electronic Components Datasheet Search
  English  ▼

X  

GMS36 Datasheet(PDF) 43 Page - Hynix Semiconductor

Part # GMS36
Description  4-BIT SINGLE CHIP MICROCOMPUTERS
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS36 Datasheet(HTML) 43 Page - Hynix Semiconductor

Back Button GMS36 Datasheet HTML 39Page - Hynix Semiconductor GMS36 Datasheet HTML 40Page - Hynix Semiconductor GMS36 Datasheet HTML 41Page - Hynix Semiconductor GMS36 Datasheet HTML 42Page - Hynix Semiconductor GMS36 Datasheet HTML 43Page - Hynix Semiconductor GMS36 Datasheet HTML 44Page - Hynix Semiconductor GMS36 Datasheet HTML 45Page - Hynix Semiconductor GMS36 Datasheet HTML 46Page - Hynix Semiconductor GMS36 Datasheet HTML 47Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 109 page
background image
4-10
Watch Dog Timer (WDT)
Watch dog timer is organized binary of 14 steps. The signal of f
OSC/6 cycle comes
in the first step of WDT after WDT reset. If this counter was overflowed, reset
signal automatically come out so that internal circuit is initialized.
The overflow time is 6
Ø2 13/f
OSC (108.026ms at fOSC=455KHz.)
8
Ø6Ø213/f
OSC (108.026ms at fOSC = 3.64MHz)
Normally, the binary counter must be reset before the overflow by using reset
instruction (WDTR), Power-on reset pulse or Low VDD detection pulse.
* It is constantly reset in STOP mode. When STOP is released, counting is
restarted.
f
OSC/6 or fOSC/48
CPU reset
Reset
by instruction
Power-On Reset
Low VDD Detection
Binary counter(14 steps)
RESET (edge-trigger)
Fig. 4-7 Block Diagram of Watch-dog Timer
Chapter 4. FUNCTIONAL DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com