Electronic Components Datasheet Search
  English  ▼

X  

GMS36 Datasheet(PDF) 69 Page - Hynix Semiconductor

Part # GMS36
Description  4-BIT SINGLE CHIP MICROCOMPUTERS
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS36 Datasheet(HTML) 69 Page - Hynix Semiconductor

Back Button GMS36 Datasheet HTML 65Page - Hynix Semiconductor GMS36 Datasheet HTML 66Page - Hynix Semiconductor GMS36 Datasheet HTML 67Page - Hynix Semiconductor GMS36 Datasheet HTML 68Page - Hynix Semiconductor GMS36 Datasheet HTML 69Page - Hynix Semiconductor GMS36 Datasheet HTML 70Page - Hynix Semiconductor GMS36 Datasheet HTML 71Page - Hynix Semiconductor GMS36 Datasheet HTML 72Page - Hynix Semiconductor GMS36 Datasheet HTML 73Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 109 page
background image
6-5
7F
7
&DUULHU IUHTXHQF\
I&$5 7F I26&
'XW\ UDWLR 77F 
2XWSXW ZDYHIRUP RI X3'*
$ VLQJOH SXOVH PRGXODWHG ZLWK .+] VLJQDO DW .+]
- Configuration of Flame
1st flame
C0 C1 C2 C3 C4 C5 C6 C7 C0 C1 C2 C3 C4 C5 C6 C7 D0 D1 D2 D3 D4 D5 D6 D7 D0 D1 D2 D3 D4 D5 D5 D7
Lead code
Custom code
Custom code
Data code
Data code
9ms
4.5ms
- Bit Description
- Flame Interval : Tf
The transmitted waveform as long as a key is depressed
0.56ms
1.125ms
0.56ms
2.25ms
Bit
Ì0Ì
Bit
Ì1Ì
Tf=108mS
Tf=108mS
- Repeat code
9ms
2.25ms
0.56ms
Chapter 6. Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com