Electronic Components Datasheet Search
  English  ▼

X  

GMS36 Datasheet(PDF) 23 Page - Hynix Semiconductor

Part # GMS36
Description  4-BIT SINGLE CHIP MICROCOMPUTERS
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS36 Datasheet(HTML) 23 Page - Hynix Semiconductor

Back Button GMS36 Datasheet HTML 19Page - Hynix Semiconductor GMS36 Datasheet HTML 20Page - Hynix Semiconductor GMS36 Datasheet HTML 21Page - Hynix Semiconductor GMS36 Datasheet HTML 22Page - Hynix Semiconductor GMS36 Datasheet HTML 23Page - Hynix Semiconductor GMS36 Datasheet HTML 24Page - Hynix Semiconductor GMS36 Datasheet HTML 25Page - Hynix Semiconductor GMS36 Datasheet HTML 26Page - Hynix Semiconductor GMS36 Datasheet HTML 27Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 109 page
background image
2-7
Port operation
Value of X-reg
0 or 1
SO : D(Y)
à 1 (High-Z)
RO : D(Y)
à 0
Operation
Value of Y-reg
0 ~ 7
REMOUT port repeats ‘’H’’ and ‘’L’’ in pulse
frequency. (when PMR = 5, it is fixed at ‘’H’’ )
SO : REMOUT (PMR)
à 1
RO : REMOUT (PMR)
à 0
0 or 1
8
0 or 1
SO : D0 ~ D9
à 1 (High-Z)
RO : D0 ~ D9
à 0
9
0 or 1
SO : R(Y-Ah)
à 1
RO : R(Y-Ah)
à 0
A ~ D
0 or 1
SO : R0 ~ R3
à 1
RO : R0 ~ R3
à 0
E
0 or 1
SO : D0 ~ D9
à 1 (High-Z), R0 ~ R3 à 1
RO : D0 ~ D9
à 0,
R0 ~ R3
à 0
F
2 or 3
SO : D(8)
à 1 (High-Z)
RO : D(8)
à 0
0
2 or 3
SO : D(9)
à 1 (High-Z)
RO : D(9)
à 0
1
Optional Features
The GMS37XXX series offer the following optional features.
Theses options are masked.
• I/O terminals having pull-up resistor : R0 ~ R3
• Input terminals having STOP release mode : K0 ~ K3, R0 ~ R3.
• Output form at STOP mode
D0 ~ D9 : ‘’L’’ or keep before stop mode.
Theses options are offered default.
• Ceramic oscillation circuit contained (or not contained)
[ This option is not available for MHz Ceramic oscillator. ]
• Instruction cycle selection :
T = 48 / f
OSC or 6 / fOSC
Chapter 2. GMS37XXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com