Electronic Components Datasheet Search
  English  ▼

X  

GMS36 Datasheet(PDF) 51 Page - Hynix Semiconductor

Part # GMS36
Description  4-BIT SINGLE CHIP MICROCOMPUTERS
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS36 Datasheet(HTML) 51 Page - Hynix Semiconductor

Back Button GMS36 Datasheet HTML 47Page - Hynix Semiconductor GMS36 Datasheet HTML 48Page - Hynix Semiconductor GMS36 Datasheet HTML 49Page - Hynix Semiconductor GMS36 Datasheet HTML 50Page - Hynix Semiconductor GMS36 Datasheet HTML 51Page - Hynix Semiconductor GMS36 Datasheet HTML 52Page - Hynix Semiconductor GMS36 Datasheet HTML 53Page - Hynix Semiconductor GMS36 Datasheet HTML 54Page - Hynix Semiconductor GMS36 Datasheet HTML 55Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 109 page
background image
5-6
(6) LYM
Naming :
Load Y-Register form Memory
Status :
Set
Format :
I
Function :
Y
à M(X,Y)
<Comment>
Data from the RAM location addressed by the X-register and
Y-register is loaded into the Y-register. Data in the memory is
left unchanged.
(7) LAM
Naming :
Load Accumulator from Memory
Status :
Set
Format :
I
Function :
A
à M(X,Y)
<Comment>
Data from the RAM location addressed by the X-register and
Y-register is loaded into the Y-register. Data in the memory is
left unchanged.
(8) XMA
Naming :
Exchanged Memory and Accumulator
Status :
Set
Format :
I
Function :
M(X,Y)
ä A
<Comment>
Data from the memory addressed by X-register and Y-register
is exchanged with data from the accumulator. For example,
this instruction is useful to fetch a memory word into the
accumulator for operation and store current data from the
accumulator into the RAM. The accumulator can be restored
by another XMA instruction.
(9) LYI i
Naming :
Load Y-Register from Immediate
Status :
Set
Format :
ë
Operand :
Constant 0
õ i õ 15
Function :
Y
à i
<Purpose>
To load a constant in Y-register. It is typically used to specify
Y-register in a particular RAM word address, to specify the
address of a selected output line, to set Y-register for
specifying a carrier signal outputted from OUT port, and to
initialize Y-register for loop control. The accumulator can be
restored by another XMA instruction.
<Comment>
Data of four bits from operand of instruction is transferred to
the Y-register.
Chapter 5. INSTRUCTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com