Electronic Components Datasheet Search
  English  ▼

X  

GMS36 Datasheet(PDF) 25 Page - Hynix Semiconductor

Part # GMS36
Description  4-BIT SINGLE CHIP MICROCOMPUTERS
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS36 Datasheet(HTML) 25 Page - Hynix Semiconductor

Back Button GMS36 Datasheet HTML 21Page - Hynix Semiconductor GMS36 Datasheet HTML 22Page - Hynix Semiconductor GMS36 Datasheet HTML 23Page - Hynix Semiconductor GMS36 Datasheet HTML 24Page - Hynix Semiconductor GMS36 Datasheet HTML 25Page - Hynix Semiconductor GMS36 Datasheet HTML 26Page - Hynix Semiconductor GMS36 Datasheet HTML 27Page - Hynix Semiconductor GMS36 Datasheet HTML 28Page - Hynix Semiconductor GMS36 Datasheet HTML 29Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 109 page
background image
2-9
Electrical characteristics (Ta=25
Î, V
DD= 3V)
*1 Refer to
¹ Fig.2-5 I
OL2 vs. VOL2 Graph º
*2 Refer to
¹ Fig.2-6 I
OL1 vs. VOL1 Graph º
*3 Refer to
¹ Fig.2-7 I
OH1 vs. VOH1 Graph º
*4 I
DD1, IDD2, is measured at RESET mode.
Symbol
Limits
Min.
Typ.
Max.
Unit
-
-
1
uA
I
IH
-1
-
-
uA
I
IL
70
140
300
Ï
R
PU1
70
140
300
Ï
R
PU2
0.3
1.0
3.0
Ð
R
FD
2.1
-
-
V
V
IH1
-
-
0.9
V
V
IL1
-
0.15
0.4
V
V
OL2
*1
-
0.4
0.9
V
V
OL3
2.1
2.5
-
V
V
OH3
1
2.2
4
mA
-5
-15
-30
mA
-
-
1
uA
I
OLK2
-
-
1
uA
I
STP
-
0.2
1.0
mA
I
DD1
*3
-
0.5
1.5
mA
I
DD2
*3
300
-
1000
kHz
f
OSC
2.4
-
4
MHz
f
OSC
I
OL1
*2
f
OSC/6
f
OSC /48
Parameter
Input H current
Input L current
K, R Input H voltage
K, R Input L voltage
D, R Output L voltage
OSC2 Output L voltage
OSC2 Output H voltage
REMOUT Output L current
REMOUT Output H current
D, R Output leakage current
Current on STOP mode
Operating Supply current 1
Operating Supply current 2
System
colck
frequency
K Pull-up Resistance
R Pull-up Resistance
Feedback Resistance
Condition
V
I = VDD , R having no Pull-up
V
I = GND, R having no Pull-up
-
-
I
OL2 = 3mA
I
OL3 = 40uA (kHz), 150uA (MHz)
I
OH3= -40uA (kHz), -150uA (MHz)
V
OL1= 0.4V
V
OH1= 2V
V
OUT= VDD, Output off
At STOP mode
f
OSC= 455kHz
f
OSC= 4MHz
kHz Version
MHz Version.
V
I = GND
V
I = GND, Output off
V
OSC1= GND, VOSC2= GND
Chapter 2. GMS37XXX
I
OH1
*3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com