Electronic Components Datasheet Search
  English  ▼

X  

GMS81032 Datasheet(PDF) 82 Page - Hynix Semiconductor

Part # GMS81032
Description  8-BIT SINGLE CHIP MICROCOMPUTERS
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81032 Datasheet(HTML) 82 Page - Hynix Semiconductor

Back Button GMS81032 Datasheet HTML 78Page - Hynix Semiconductor GMS81032 Datasheet HTML 79Page - Hynix Semiconductor GMS81032 Datasheet HTML 80Page - Hynix Semiconductor GMS81032 Datasheet HTML 81Page - Hynix Semiconductor GMS81032 Datasheet HTML 82Page - Hynix Semiconductor GMS81032 Datasheet HTML 83Page - Hynix Semiconductor GMS81032 Datasheet HTML 84Page - Hynix Semiconductor GMS81032 Datasheet HTML 85Page - Hynix Semiconductor GMS81032 Datasheet HTML 86Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 101 page
background image
6 - 5
6.3.2 In Case of Interrupt Enable Flag(I) of PSW = 1
Released by only interrupt which each interrupt enable flag = 1, and jump to the relevant
interrupt service routine.
Note) When STOP instruction is used, B.I.T should guarantee the stabilization oscillation
time. Thus, just before entering STOP mode, clock of bit10(PS10) of Prescaler is
selected or peripheral hardware clock control bit(ENPCK) to 1, Therefore the clock
necessary for stabilization oscillation time should be input into B.I.T. otherwise, Standby
mode is released by reset signal. In case of interrupt request flag and interrupt enable
flag are both ¡È1¡È, Standby mode is not entered.
Fig. 6.5 Standby Mode Release Flow
STOP Command
Standby Mode
Interrupt Request GEN.
IE Flag
Standby Mode Release
PSW
IE Flag
Interrupt Service Routine
Standby Next Command
Execution
0
1
0
1
Chapter6. Standby Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com