Electronic Components Datasheet Search
  English  ▼

X  

GMS81032 Datasheet(PDF) 25 Page - Hynix Semiconductor

Part # GMS81032
Description  8-BIT SINGLE CHIP MICROCOMPUTERS
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81032 Datasheet(HTML) 25 Page - Hynix Semiconductor

Back Button GMS81032 Datasheet HTML 21Page - Hynix Semiconductor GMS81032 Datasheet HTML 22Page - Hynix Semiconductor GMS81032 Datasheet HTML 23Page - Hynix Semiconductor GMS81032 Datasheet HTML 24Page - Hynix Semiconductor GMS81032 Datasheet HTML 25Page - Hynix Semiconductor GMS81032 Datasheet HTML 26Page - Hynix Semiconductor GMS81032 Datasheet HTML 27Page - Hynix Semiconductor GMS81032 Datasheet HTML 28Page - Hynix Semiconductor GMS81032 Datasheet HTML 29Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 101 page
background image
2 - 2
Chapter 2. Function Description
2.1.1 A register
- 8bit Accumulator.
- In the case of 16-bit operation, compose the lower 8-bit of A, upper 8bit in Y (16-bit
Accumulator)
- In the case of multiplication instruction, execute as a multiplier register. After
multiplication operation, the lower 8-bit of the result enters. (Y*A ¡æ YA)
- In the case of division instruction, execute as the lower 8-bit of dividend. After
division operation, quotient enters.
2.1.2 X register
- General-purpose 8-bit register
- In the case of index addressing mode within direct page(RAM area), execute as
index register.
- In the case of division instruction, execute as register.
2.1.3 Y register
- General-purpose 8-bit register
- In the case of index addressing mode, execute as index register
- In the case of 16-bit operation instruction, execute as the upper 8-bit of YA (16-bit
accumulator).
- In the case of multiplication instruction, execute as a multiplicand register. After
multiplication operation, the upper 8-bit of the result enters.
- In the case of division instruction, execute as the upper 8-bit of dividend. After
division operation, remains enters.
- Can be used as loop counter of conditional branch command. (e.g.DBNE Y, rel)
2.1.4 Stack Pointer
- In the cases of subroutine call, Interrupt and PUSH, POP, RETI, RET instruction,
stack data on RAM or in the case of returning, assign the storage location having
stacked data.
- Stack area is constrained within 1-page (00H-FFH). The SP is post-decremented
when a subroutine call or a push instruction is executed, or when an interrupt is
accepted; and the SP is pre-incremented when a return or a pop instruction is
executed.
- SP should be initialized as follows
ex) LDX #0FEH
: 0FEH ¡æ X reg.
TXSP
: X reg. ¡æ SP
- The behaviors of stack pointer according to each instruction are the following.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com