Electronic Components Datasheet Search
  English  ▼

X  

GMS81032 Datasheet(PDF) 74 Page - Hynix Semiconductor

Part # GMS81032
Description  8-BIT SINGLE CHIP MICROCOMPUTERS
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81032 Datasheet(HTML) 74 Page - Hynix Semiconductor

Back Button GMS81032 Datasheet HTML 70Page - Hynix Semiconductor GMS81032 Datasheet HTML 71Page - Hynix Semiconductor GMS81032 Datasheet HTML 72Page - Hynix Semiconductor GMS81032 Datasheet HTML 73Page - Hynix Semiconductor GMS81032 Datasheet HTML 74Page - Hynix Semiconductor GMS81032 Datasheet HTML 75Page - Hynix Semiconductor GMS81032 Datasheet HTML 76Page - Hynix Semiconductor GMS81032 Datasheet HTML 77Page - Hynix Semiconductor GMS81032 Datasheet HTML 78Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 101 page
background image
5 - 9
5.7 Key Scan Input Processing
Key Scan Interrupt is generated by detecting low Input from each Input pin (R0, R1) or
standby(SLEEP, STOP) release signal. Key Scan ports are all 16bit which are
controlled by Stand-by Mode Release Register (SMRR0, SMRR1). Key Input is
considered as Interrupt, therefore, KSCNE bit of IEHN should be set for correct interrupt
executing, SLEEP mode and STOP mode, the rest of executing is the same as that of
external Interrupt. Each SMRR Register bit is allowed for each port(for Bit=0, no Key
Input, for Bit=1, Key Input available). At reset, SMRR becomes ¡È00H¡È. So, there is
no Key Input source.
R00
R01
.
.
R07
R10
R11
.
.
R17
R0 port
Selection Logic
R1 port
Selection Logic
SMRR0
W <00DCH>
W <00DDH>
SMRR1
7
0
7
0
<Key Scan Block>
Chapter 5. Interrupt
Internal
Key Scan
Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com