Electronic Components Datasheet Search
  English  ▼

X  

GMS87C2020 Datasheet(PDF) 44 Page - Hynix Semiconductor

Part # GMS87C2020
Description  CMOS Single-Chip 8-Bit Microcontroller with A/D Converter & VFD Driver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS87C2020 Datasheet(HTML) 44 Page - Hynix Semiconductor

Back Button GMS87C2020 Datasheet HTML 40Page - Hynix Semiconductor GMS87C2020 Datasheet HTML 41Page - Hynix Semiconductor GMS87C2020 Datasheet HTML 42Page - Hynix Semiconductor GMS87C2020 Datasheet HTML 43Page - Hynix Semiconductor GMS87C2020 Datasheet HTML 44Page - Hynix Semiconductor GMS87C2020 Datasheet HTML 45Page - Hynix Semiconductor GMS87C2020 Datasheet HTML 46Page - Hynix Semiconductor GMS87C2020 Datasheet HTML 47Page - Hynix Semiconductor GMS87C2020 Datasheet HTML 48Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 92 page
background image
GMS81C2020/GMS81C2120
Hyundai Micro Electro nics
44
preliminary
Nov. 1999 Ver 0.0
12.3 R1 and R1IO registers
R1 is an 8-bit high-voltage CMOS bidirectional I/O port
(address C2H). Each port can be set individually as input
and output through the R1IO register (address C3H). Each
port can directly drive a vacuum fluorescent display..
Figure 12-3 Registers of Port R1
12.4 R2 and R2IO registers
R2 is an 8-bit high-voltage CMOS bidirectional I/O port
(address C4H). Each port can be set individually as input
and output through the R2IO register (address C5H). Each
port can directly drive a vacuum fluorescent display..
Figure 12-4 Registers of Port R2
12.5 R3 and R3IO registers
R1 is an 6-bit high-voltage CMOS bidirectional I/O port
(address C6H). Each port can be set individually as input
and output through the R3IO register (address C7H).
Each port can directly drive a vacuum fluorescent display..
Figure 12-5 Registers of Port R3
12.6 R4 and R4IO registers
R4 is an 4-bit bidirectional I/O port (address C8H). Each
port can be set individually as input and output through the
R4IO register (address C9H).
R40 port is multiplexed with Timer 0 Output Port(T0O), r
Figure 12-6
Registers of Port R4
The control register R4FUNC (address F5H) controls to se-
lect alternate function. After reset, this value is "0", port
may be used as general I/O ports. To select alternate func-
tion such as Timer 0 Output, write "1" to the corresponding
bit of R4FUNC. Regardless of the direction register R4IO,
R4FUNC is selected to use as alternate functions, port pin
R00/
INT0
0
R00 (Normal I/O Port)
1
INT0 (External interrupt 0 Input
Port)
R17
R16
R15
R14
R13
R12
R11
R10
INPUT / OUTPUT DATA
0 : IN P U T P O R T
1 : OUT P UT P O RT
DIREC TION SELEC T
R1 Data Register
R1
ADDRESS : C2H
RESET VALUE : Undefined
R1 Direction Register
R1IO
A DDRE S S : C3H
R E S E T V A LU E : 00000 000
R27
R26
R25
R24
R23
R22
R21
R20
INPUT / OUTPUT DATA
0 : INPUT PORT
1 : OUTPUT PORT
DIRECTION SELECT
R2 Data Register
R2
ADDRESS : C4H
RESET VALUE : Undefined
R2 Direction Register
R2IO
ADDRESS : C5H
RESET VALUE : 00000000
-
-
R35
R34
R33
R32
R31
R30
INPUT / OUTPUT DATA
0 : INPUT PORT
1 : OUTPUT PORT
DIRECTION SELECT
R3 Data Register
R3
ADDRESS : C6H
RESET VALUE : Undefined
R3 Direction Register
R3IO
ADDRESS : C7H
RESET VALUE : --000000
-
-
-
-
R43
R42
R41
R40
INPUT / OUTPUT DATA
0 : INPUT PORT
1 : OUTPUT PORT
DIRECTION SELECT
R4 Data Register
R4
ADDRESS : C8H
RESET VALUE : Undefined
R4 Direction Register
R4IO
ADDRESS : C9H
RESET VALUE : ----0000
T0O
R4 Function Selection Register
R4FUNC
ADDRESS : F5H
RESET VALUE : -------0
-
-
-
-
0 : R40
1 : T0O
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com