Electronic Components Datasheet Search
  English  ▼

X  

GMS87C2020 Datasheet(PDF) 67 Page - Hynix Semiconductor

Part # GMS87C2020
Description  CMOS Single-Chip 8-Bit Microcontroller with A/D Converter & VFD Driver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS87C2020 Datasheet(HTML) 67 Page - Hynix Semiconductor

Back Button GMS87C2020 Datasheet HTML 63Page - Hynix Semiconductor GMS87C2020 Datasheet HTML 64Page - Hynix Semiconductor GMS87C2020 Datasheet HTML 65Page - Hynix Semiconductor GMS87C2020 Datasheet HTML 66Page - Hynix Semiconductor GMS87C2020 Datasheet HTML 67Page - Hynix Semiconductor GMS87C2020 Datasheet HTML 68Page - Hynix Semiconductor GMS87C2020 Datasheet HTML 69Page - Hynix Semiconductor GMS87C2020 Datasheet HTML 70Page - Hynix Semiconductor GMS87C2020 Datasheet HTML 71Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 92 page
background image
Hyundai Micro Electronics
GMS81C2020/GMS81C2120
Nov. 1999 Ver 0.0
preliminary
67
The interrupts are controlled by the interrupt master enable
flag I-flag (bit 2 of PSW), the interrupt enable register
(IENH, IENL) and the interrupt request flags (in IRQH,
IRQL) except Power-on reset and software BRK interrupt.
Interrupt enable registers are shown in Figure 19-2 . These
registers are composed of interrupt enable flags of each in-
terrupt source, these flags determines whether an interrupt
will be accepted or not. When enable flag is "0", a corre-
sponding interrupt source is prohibited. Note that PSW
contains also a master enable bit, I-flag, which disables all
interrupts at once.
Figure 19-2 Interrupt Enable Registers and Interrupt Request Registers
When an interrupt is occured, the I-flag is cleared and dis-
able any further interrupt, the return address and PSW are
pushed into the stack and the PC is vectored to. Once in the
interrupt service routine the source(s) of the interrupt can
be determined by polling the interrupt request flag bits.
The interrupt request flag bit(s) must be cleared by soft-
ware before re-enabling interrupts to avoid recursive inter-
rupts. The Interrupt Request flags are able to be read and
written.
Reset/Interrupt
Symbol
Priority
Vector Addr.
Hardware Reset
External Interrupt 0
External Interrupt 1
Timer 0
Timer 1
-
-
-
-
A/D Converter
Watch Dog Timer
Basic Interval Timer
Serial Interface
RESET
INT0
INT1
Timer 0
Timer 1
-
-
-
-
A/D C
WDT
BIT
SPI
-
1
2
3
4
-
-
-
-
5
6
7
8
FFFEH
FFFAH
FFF8H
FFF6H
FFF4H
FFF2H
FFF0H
FFEEH
FFECH
FFEAH
FFE8H
FFE6H
Table 19-1 Interrupt Priority
IENH
ADDRESS : E2H
RESET VALUE : 0000----
INT0E
INT1E
T0E
T1E
Interrupt Enable Register High
IENL
ADDRESS : E3H
RESET VALUE : 0000----
ADE
WDTE
BITE
SPIE
-
-
-
-
Interrupt Enable Register Low
IRQH
ADDRESS : E4H
RESET VALUE : 0000----
INT0IF
INT1IF
T0IF
T1IF
Interrupt Request Register High
IRQL
ADDRESS : E5H
RESET VALUE : 0000----
ADIF
WDTIF
BITIF
SPIIF
-
-
-
-
Interrupt Request Register Low
0 : Disable
1 : Enable
Enables or disables the interrupt individually
If flag is cleared, the interrupt is disabled.
0 : Not occurred
1 : Interrupt request is occurred
Shows the interrupt occurrence
-
-
-
-
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com