Electronic Components Datasheet Search
  English  ▼

X  

GMS87C2020 Datasheet(PDF) 72 Page - Hynix Semiconductor

Part # GMS87C2020
Description  CMOS Single-Chip 8-Bit Microcontroller with A/D Converter & VFD Driver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS87C2020 Datasheet(HTML) 72 Page - Hynix Semiconductor

Back Button GMS87C2020 Datasheet HTML 68Page - Hynix Semiconductor GMS87C2020 Datasheet HTML 69Page - Hynix Semiconductor GMS87C2020 Datasheet HTML 70Page - Hynix Semiconductor GMS87C2020 Datasheet HTML 71Page - Hynix Semiconductor GMS87C2020 Datasheet HTML 72Page - Hynix Semiconductor GMS87C2020 Datasheet HTML 73Page - Hynix Semiconductor GMS87C2020 Datasheet HTML 74Page - Hynix Semiconductor GMS87C2020 Datasheet HTML 75Page - Hynix Semiconductor GMS87C2020 Datasheet HTML 76Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 92 page
background image
GMS81C2020/GMS81C2120
Hyundai Micro Electro nics
72
preliminary
Nov. 1999 Ver 0.0
20. WATCHDOG TIMER
The purpose of the watchdog timer is to detect the mal-
function (runaway) of program due to external noise or
other causes and return the operation to the normal condi-
tion.
The watchdog timer has two types of clock source.
The first type is an on-chip RC oscillator which does not
require any external components. This RC oscillator is sep-
arate from the external oscillator of the Xin pin. It means
that the watchdog timer will run, even if the clock on the
Xin pin of the device has been stopped, for example, by en-
tering the STOP mode.
The other type is a prescaled system clock.
The watchdog timer consists of 7-bit binary counter and
the watchdog timer data register. When the value of 7-bit
binary counter is equal to the lower 7 bits of WDTR, the
interrupt request flag is generated. This can be used as
WDT interrupt or reset the CPU in accordance with the bit
WDTON .
Note: Because the watchdog timer counter is enabled af-
ter clearing Basic Interval Timer, after the bit WD-
TON set to "1", maximum error of timer is depend on
prescaler ratio of Basic Interval Timer.
The 7-bit binary counter is cleared by setting WDTCL(bit7
of WDTR) and the WDTCL is cleared automatically after
1 maching cycle.
The RC oscillated watchdog timer is activated by setting
the bit RCWDT as shown below.
The RCWDT oscillation period is vary with temperature,
VDD and process variations from part to part (approxi-
mately, 40~120uS ). The following equation shows the
RCWDT oscillated watchdog timer time-out.
T RC W D T=C L K RC W D T×28×[W D TR .6~0]+ (C LK RCW D T×28)/2
wh ere, CL K RCW D T = 40~ 120uS
In addition, this watchdog timer can be used as a simple 7-
bit timer by interrupt WDTIF. The interval of watchdog
timer interrupt is decided by Basic Interval Timer. Interval
equation is as below.
TWDT = [WDTR.6~0] ×
××× Interval of BIT
Figure 20-1 Block Diagram of Watchdog Timer
:
LDM
CKCTLR,#3FH; enable the RC-osc WDT
LDM
WDTR,#0FFH; set the WDT period
STOP
; enter the STOP mode
NOP
NOP
; RC-osc WDT running
:
Basic Interval Timer
Interrupt
Watchdog Timer
BITIF
7-bit Counter
WDTR (7-bit)
OFD
WDTCL
WDTON
Interrupt Request
To RESET
1
0
Clock Control Register
CKCTLR
ADDRESS : ECH
RESET VALUE : -0010111
-
WAKEUP RCWDT
WDTON
BTCL
BTS2
BTS1
BTS0
-
0X
1
XXXX
Watchdog Timer Register
WDTR
ADDRESS : EDH
RESET VALUE : 01111111
WDTCL
7-bit Watchdog Counter Register
Overflow Detection
Bit Manipulation Not Available
Bit Manipulation Not Available
WDTCL
RESET
÷ 8
÷ 16
÷ 128
÷ 256
÷ 512
÷1024
÷ 32
÷ 64
0
1
MUX
fXI
BITR (8-BIT)
BTS[2:0]
RCWDT
Internal RC OSC
BTCL
Clear
WAKEUP
STOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com