Electronic Components Datasheet Search
  English  ▼

X  

AV9170 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # AV9170
Description  Clock Synchronizer and Multiplier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

AV9170 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  AV9170 Datasheet HTML 1Page - Integrated Circuit Systems AV9170 Datasheet HTML 2Page - Integrated Circuit Systems AV9170 Datasheet HTML 3Page - Integrated Circuit Systems AV9170 Datasheet HTML 4Page - Integrated Circuit Systems AV9170 Datasheet HTML 5Page - Integrated Circuit Systems AV9170 Datasheet HTML 6Page - Integrated Circuit Systems AV9170 Datasheet HTML 7Page - Integrated Circuit Systems AV9170 Datasheet HTML 8Page - Integrated Circuit Systems AV9170 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
AV9170
The AV9170 has the following characteristics:
1. Rising edges at IN and FBIN are lined up. Falling
edges are not synchronized.
2. The relationship between the frequencies at FBIN and IN
with CLK1 feedback is shown in Table 1 below.
3. The frequency of CLK2 is half the CLK1 frequency.
4. The CLK1 frequency ranges are:
The AV9170 will only operate correctly within these
frequency ranges.
Using the AV9170
Eliminate High Speed
Clock Routing Problems
The AV9170 makes it possible to route lower speed clocks
over long distances on the PC board and to place an AV9170
next to the device requiring a higher speed clock. The
multiplied output can then be used to produce a phase locked,
higher speed output clock.
Compensate for Propagation Delays
Including an AV9170 in a timing loop allows the use of PALs,
gate arrays, etc., with loose timing specifications. The
AV9170 compensates for the delay through the PAL and
synchronizes the output to the input reference clock.
Operating Frequency Range
The AV9170 is offered in versions optimized for operation
in two frequency ranges. The -01 and -04 cover high
frequencies, 20 to 100 MHz.* The -02 and -05 operate from
5 to 25 MHz.* The AV9170 can be supplied with custom
multiplication factors and operating ranges. Consult ICS for
details.
3.3V VDD Operation
The AV9170 does operate at both 5.0V and 3.3V system
conditions. Please note the Electrical Characteristic specifica-
tions at 3.3V include a limited output frequency (66.6 MHz
max.) and a wider skew of FBIN to CLK1. For 3.3V±5%
(3.15V min.), this skew is -5.0 to 0 ns. At 3.3V±10% (3.0V
min.), the skew is widened to -8 ns to 0 ns and should be
accounted for in system design.
*At 3.3V, the maximum CLK1 frequency is 66.7 MHz for -01,
-04 and 16.7 MHz for -02, -05.
Figure 1:
Application of
AV9170 for Multiple Outputs
VDD=5V
VDD=3.3V
AV9170-01, -04
20 < fCLK1 < 107MHz*
< 66.7
AV9170-02, -05
5 < fCLK1 <
26.75MHz*
< 16.7
1
S
F0
S
Ff
N
I
B
F
)
2
0
-
,
1
0
-
(f
N
I
B
F
)
5
0
-
,
4
0
-
(
0
0
1
1
0
1
0
1
•
2f N
I
•
4f N
I
f N
I
8 • f N
I
•
3f N
I
•
5f N
I
•
6f N
I
0
1 • f N
I
Functionality (Table 1:)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com