Electronic Components Datasheet Search
  English  ▼

X  

AV9170 Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # AV9170
Description  Clock Synchronizer and Multiplier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

AV9170 Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button AV9170 Datasheet HTML 3Page - Integrated Circuit Systems AV9170 Datasheet HTML 4Page - Integrated Circuit Systems AV9170 Datasheet HTML 5Page - Integrated Circuit Systems AV9170 Datasheet HTML 6Page - Integrated Circuit Systems AV9170 Datasheet HTML 7Page - Integrated Circuit Systems AV9170 Datasheet HTML 8Page - Integrated Circuit Systems AV9170 Datasheet HTML 9Page - Integrated Circuit Systems AV9170 Datasheet HTML 10Page - Integrated Circuit Systems AV9170 Datasheet HTML 11Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
AV9170
*Parameter guaranteed by design and characterization. Not 100% tested in production.
Notes:
1. It may be possible to operate the AV9170 outside of these ranges. Consult ICS for your specific application.
2. All AC Specifications are measured with a 50W transmission line, load terminated with 50W to 1.4V.
3. Duty cycle measured at 1.4V.
4. Skew measured at 1.4V on rising edges. Positive sign indicates the first signal precedes the second signal.
VDD = +3.3V ±5%, TA = 0°C to 70°C, unless otherwise stated
Electrical Characteristics at 3.3V
S
C
I
T
S
I
R
E
T
C
A
R
A
H
C
/
C
D
R
E
T
E
M
A
R
A
PL
O
B
M
Y
SS
N
O
I
T
I
D
N
O
C
T
S
E
TN
I
MP
Y
TX
A
MS
T
I
N
U
e
g
a
t
l
o
V
w
o
L
t
u
p
n
IV L
IV D
DV
3
.
3
=
——
2
.
0V D
DV
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
IV H
IV D
DV
3
.
3
=7
.
0V D
D
——
V
t
n
e
r
r
u
C
w
o
L
t
u
p
n
II L
IV N
IV
0
=7
–
4
–—
A
µ
t
n
e
r
r
u
C
h
g
i
H
t
u
p
n
II H
IV N
IV
=D
D
——
5A
µ
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
O*V L
OI L
OA
m
6
=
——
4
.
0V
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
O*V
1
H
O
IH
O,
A
m
1
-
=
VD
DV
3
.
3
=
VD
DV
4
.
-
——
V
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
O*V
2
H
O
IH
O,
A
m
3
-
=
VD
DV
3
.
3
=
VD
DV
8
.
-
——
V
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
O*V
3
H
O
IH
O,
A
m
6
-
=
4
.
2
——
V
t
n
e
r
r
u
C
y
l
p
p
u
SI
1
D
D
Z
H
M
7
.
6
6
,
d
e
d
a
o
l
n
U
)
4
0
-
,
1
0
-
(
—
7
10
3A
m
t
n
e
r
r
u
C
y
l
p
p
u
SI
2
D
D
Z
H
M
7
.
6
1
,
d
e
d
a
o
l
n
U
)
5
0
-
,
2
0
-
(
—
75
1A
m



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com