Electronic Components Datasheet Search
  English  ▼

X  

AV9170 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # AV9170
Description  Clock Synchronizer and Multiplier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

AV9170 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  AV9170 Datasheet HTML 1Page - Integrated Circuit Systems AV9170 Datasheet HTML 2Page - Integrated Circuit Systems AV9170 Datasheet HTML 3Page - Integrated Circuit Systems AV9170 Datasheet HTML 4Page - Integrated Circuit Systems AV9170 Datasheet HTML 5Page - Integrated Circuit Systems AV9170 Datasheet HTML 6Page - Integrated Circuit Systems AV9170 Datasheet HTML 7Page - Integrated Circuit Systems AV9170 Datasheet HTML 8Page - Integrated Circuit Systems AV9170 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
AV9170
1
S
F0
S
F1
K
L
C2
K
L
C
0
0
1
1
0
1
0
1
4
x
N
I
8
x
N
I
2
x
N
I
6
1
x
N
I
2
x
N
I
4
x
N
I
N
I
8
x
N
I
1
S
F0
S
F1
K
L
C2
K
L
C
0
0
1
1
0
1
0
1
2
x
N
I
4
x
N
I
N
I
8
x
N
I
N
I
2
x
N
I
2
÷
N
I
4
x
N
I
Figure 4:
Input and Output Clock Waveforms
with CLK2 Connected to FBIN
Using CLK2 Feedback
Connecting CLK2 to FBIN as shown in Figure 2 will cause all
of the rising edges to be aligned (Figure 4).
Figure 5:
Input and Output Clock Waveforms
with CLK1 Connected to FBIN
Table 2:
Functionality Table for AV9170-01, -02
with CLK2 Feedback
Table 3:
Functionality Table for AV9170-01, -02
with CLK1 Feedback
Using CLK1 Feedback
With CLK1 connected to FBIN as shown in Figure 3, the input
and CLK1 output will be aligned on the rising edge, but CLK2
can be either rising or falling (Figure 5). Consult ICS if the
CLK1 frequency is desired to be higher than 107MHz.
For CLK2 frequencies 10 - 53.5 MHz* (-01)
For CLK2 frequencies 2.5 - 13.37 MHz (-02)
*Maximum 33.3 MHz @ 3.3V (-01), 8.33 MHz @ 3.3V (-02)
Figure 2:
For CLK1 frequencies 20 - 107 MHz† (-01)
For CLK1 frequencies 5 - 26.75 MHz (-02)
†Maximum 66.7 MHz @ 3.3V (-01), 16.7 MHz @ 3.3V (-02)
Figure 3:



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com