Electronic Components Datasheet Search
  English  ▼

X  

AV9170 Datasheet(PDF) 11 Page - Integrated Circuit Systems

Part # AV9170
Description  Clock Synchronizer and Multiplier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

AV9170 Datasheet(HTML) 11 Page - Integrated Circuit Systems

Back Button AV9170 Datasheet HTML 3Page - Integrated Circuit Systems AV9170 Datasheet HTML 4Page - Integrated Circuit Systems AV9170 Datasheet HTML 5Page - Integrated Circuit Systems AV9170 Datasheet HTML 6Page - Integrated Circuit Systems AV9170 Datasheet HTML 7Page - Integrated Circuit Systems AV9170 Datasheet HTML 8Page - Integrated Circuit Systems AV9170 Datasheet HTML 9Page - Integrated Circuit Systems AV9170 Datasheet HTML 10Page - Integrated Circuit Systems AV9170 Datasheet HTML 11Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
11
AV9170
Ordering Information
AV9170-xxCN8 (8 Lead Plastic DIP [300 mils] )
AV9170-xxCS8 (8 Lead SOIC [150 mils] )
8-Pin DIP PACKAGE
8-Pin SOIC PACKAGE
For the SOIC package, the AV9170-01 is marked AV70-1 and the AV9170-02 is marked AV70-2.
ICS XXXX - PPP M X#W
Lead Count & Package Width
Lead Count = 1, 2 or 3 digits
W = 0.3" SOIC or 0.6" DIP; None = Standard Width
Package Type
N = DIP (Plastic)
S = SOIC
Pattern Number (2 or 3 digit number for parts with ROM code patterns)
Device Type (consists of 3 or 4 digit numbers)
Prefix
ICS = Standard Device; AV = ICS (West Coast)
Example:
ICS reserves the right to make changes in the device data identified in this publication
without further notice. ICS advises its customers to obtain the latest version of all
device data to verify that any information being relied upon by the customer is current
and accurate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com