Electronic Components Datasheet Search
  English  ▼

X  

AV9170 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # AV9170
Description  Clock Synchronizer and Multiplier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

AV9170 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  AV9170 Datasheet HTML 1Page - Integrated Circuit Systems AV9170 Datasheet HTML 2Page - Integrated Circuit Systems AV9170 Datasheet HTML 3Page - Integrated Circuit Systems AV9170 Datasheet HTML 4Page - Integrated Circuit Systems AV9170 Datasheet HTML 5Page - Integrated Circuit Systems AV9170 Datasheet HTML 6Page - Integrated Circuit Systems AV9170 Datasheet HTML 7Page - Integrated Circuit Systems AV9170 Datasheet HTML 8Page - Integrated Circuit Systems AV9170 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Integrated
Circuit
Systems, Inc.
General Description
Features
AV9170
Block Diagram
Clock Synchronizer and Multiplier
AV 9170 Rev E 9/24/99
•
On-chip Phase-Locked Loop for clocks synchronization
•
Synchronizes frequencies up to 107 MHz
(output) @ 5.0V
•
±1ns skew (max) between input & output clocks @ 5.0V
•
Can recover poor duty cycle clocks
•
CLK1 to CLK2 skew controlled to within ±1ns @ 5.0V
•
3.0 - 5.5V supply range
•
Low power CMOS technology
•
Small 8-pin DIP or SOIC package
•
On chip loop filter
•
AV9170-01, -04 for output clocks 20-107 MHz @ 5.0V,
20 - 66.7 MHz @ 3.3V
•
AV9170-02, -05 for output clocks 5-26.75 MHz @ 5.0V,
5 - 16.7 MHz @ 3.3V
The AV9170 generates an output clock which is synchronized
to a given continuous input clock with zero delay (±1ns at 5V
VDD). Using ICS’s proprietary phase-locked loop (PLL) ana-
log CMOS technology, the AV9170 is useful for regenerating
clocks in high speed systems where skew is a major concern.
By the use of the two select pins, multiples or divisions of the
input clock can be generated with zero delay (see Tables 2 and
3). The standard versions produce two outputs, where CLK2
is always a divide by two version of CLK1.
The AV9170 is also useful to recover poor duty cycle clocks.
A 50 MHz signal with a 20/80% duty cycle, for example, can
be regenerated to the 48/52% typical of the part.
The AV9170 allows the user to control the PLL feedback,
making it possible, with an additional 74F240 octal buffer (or
other such device that offers controlled skew outputs), to
synchronize up to 8 output clocks with zero delay compared to
the input (see Figure 1). Application notes for the AV9170 are
available. Please consult ICS.
ICS reserves the right to make changes in the device data identified in this publication
without further notice. ICS advises its customers to obtain the latest version of all
device data to verify that any information being relied upon by the customer is current
and accurate.


Similar Part No. - AV9170

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
AV9170 IDT-AV9170 Datasheet
190Kb / 12P
Clock Synchronizer and Multiplier
logo
Integrated Circuit Syst...
AV9170-07 ICST-AV9170-07 Datasheet
95Kb / 2P
Clock Multiplier
RevB060297
AV9170-07CN08 ICST-AV9170-07CN08 Datasheet
95Kb / 2P
Clock Multiplier
RevB060297
AV9170-07CS08 ICST-AV9170-07CS08 Datasheet
95Kb / 2P
Clock Multiplier
RevB060297
More results

Similar Description - AV9170

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
AV9170-07 ICST-AV9170-07 Datasheet
95Kb / 2P
Clock Multiplier
RevB060297
ICS2059-02 ICST-ICS2059-02 Datasheet
210Kb / 11P
Clock Multiplier and Jitter Attenuator
Revision 031605
logo
Integrated Device Techn...
AV9170 IDT-AV9170 Datasheet
190Kb / 12P
Clock Synchronizer and Multiplier
9170B-01CS08LF IDT-9170B-01CS08LF Datasheet
302Kb / 12P
CLOCK SYNCHRONIZER AND MULTIPLIER
logo
Raltron Electronics Cor...
SY02-PLL RALTRON-SY02-PLL Datasheet
262Kb / 5P
CLOCK/SYNCHRONIZER - SY02-PLL
SY02-PLL2 RALTRON-SY02-PLL2 Datasheet
152Kb / 6P
CLOCK/SYNCHRONIZER - SY02-PLL2
logo
Texas Instruments
CDCS504-Q1 TI1-CDCS504-Q1 Datasheet
1Mb / 18P
Clock Buffer and Clock Multiplier
logo
Renesas Technology Corp
8V19N850D RENESAS-8V19N850D Datasheet
3Mb / 175P
Radio Unit Clock Synchronizer and Converter Clock Generator
February 13, 2023
ICS2059-02 RENESAS-ICS2059-02 Datasheet
454Kb / 13P
CLOCK MULTIPLIER AND JITTER ATTENUAT
IDT9170B RENESAS-IDT9170B Datasheet
484Kb / 13P
CLOCK SYNCHRONIZER AND MULTIPLIER
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com