Electronic Components Datasheet Search
  English  ▼

X  

ICS1893 Datasheet(PDF) 125 Page - Integrated Circuit Systems

Part # ICS1893
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893 Datasheet(HTML) 125 Page - Integrated Circuit Systems

Back Button ICS1893 Datasheet HTML 121Page - Integrated Circuit Systems ICS1893 Datasheet HTML 122Page - Integrated Circuit Systems ICS1893 Datasheet HTML 123Page - Integrated Circuit Systems ICS1893 Datasheet HTML 124Page - Integrated Circuit Systems ICS1893 Datasheet HTML 125Page - Integrated Circuit Systems ICS1893 Datasheet HTML 126Page - Integrated Circuit Systems ICS1893 Datasheet HTML 127Page - Integrated Circuit Systems ICS1893 Datasheet HTML 128Page - Integrated Circuit Systems ICS1893 Datasheet HTML 129Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 152 page
background image
Chapter 10
DC and AC Operating Conditions
ICS1893 Rev C 6/6/00
June, 2000
125
ICS1893 - Release
Copyright © 2000, Integrated Circuit Systems, Inc.
All rights reserved.
10.4
DC Operating Characteristics
This section lists the ICS1893 DC operating characteristics.
10.4.1
DC Operating Characteristics for Supply Current
Table 10-4 lists the DC operating characteristics for the supply current to the ICS1893 under various
conditions.
Note:
All VDD_IO measurements are taken with respect to VSS (which equals 0 V).
† These supply current parameters are measured through VDD pins to the ICS1893. The supply current
parameters include external transformer currents.
‡ Measurements taken with 100% data transmission and the minimum inter-packet gap.
10.4.2
DC Operating Characteristics for TTL Inputs and Outputs
Table 10-5 lists the 3.3-V DC operating characteristics of the ICS1893 TTL inputs and outputs.
Note:
All VDD_IO measurements are taken with respect to VSS (which equals 0 V).
Table 10-4.
DC Operating Characteristics for Supply Current
Parameter
Operating Mode
Symbol
Min.
Typ.
Max.
Units
Supply Current†
100Base-TX‡
IDD_IO
–
8
11
mA
IDD
–
110
125
mA
Supply Current†
10Base-T‡
IDD_IO
–
5
8
mA
IDD
–
150
160
mA
Supply Current†
Auto-Negotiation
IDD_IO
–
5
8
mA
IDD
–
80
90
mA
Supply Current†
Power-Down
IDD_IO
–
3
5
mA
IDD
–
40
50
mA
Supply Current†
Reset
IDD
–
50
60
mA
Table 10-5.
3.3-V DC Operating Characteristics for TTL Inputs and Outputs
Parameter
Symbol
Conditions
Min.
Max.
Units
TTL Input High Voltage
VIH
VDD_IO = 3.47 V
–
2.0
–
V
TTL Input Low Voltage
VIL
VDD_IO = 3.47 V
–
–
0.8
V
TTL Output High Voltage
VOH
VDD_IO = 3.14 V
IOH = –4 mA
2.4
–
V
TTL Output Low Voltage
VOL
VDD_IO = 3.14 V
IOL = +4 mA
–
0.4
V
TTL Driving CMOS,
Output High Voltage
VOH
VDD_IO = 3.14 V
IOH = –4 mA
2.4
–
V
TTL Driving CMOS,
Output Low Voltage
VOL
VDD_IO = 3.14 V
IOL = +4 mA
–
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com