Electronic Components Datasheet Search
  English  ▼

X  

ICS1893 Datasheet(PDF) 126 Page - Integrated Circuit Systems

Part # ICS1893
Description  3.3-V 10Base-T/100Base-TX Integrated PHYceiver?
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1893 Datasheet(HTML) 126 Page - Integrated Circuit Systems

Back Button ICS1893 Datasheet HTML 122Page - Integrated Circuit Systems ICS1893 Datasheet HTML 123Page - Integrated Circuit Systems ICS1893 Datasheet HTML 124Page - Integrated Circuit Systems ICS1893 Datasheet HTML 125Page - Integrated Circuit Systems ICS1893 Datasheet HTML 126Page - Integrated Circuit Systems ICS1893 Datasheet HTML 127Page - Integrated Circuit Systems ICS1893 Datasheet HTML 128Page - Integrated Circuit Systems ICS1893 Datasheet HTML 129Page - Integrated Circuit Systems ICS1893 Datasheet HTML 130Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 152 page
background image
ICS1893 Rev C 6/6/00
June, 2000
126
Chapter 10
DC and AC Operating Conditions
ICS1893 Data Sheet - Release
Copyright © 2000, Integrated Circuit Systems, Inc.
All rights reserved.
10.4.3
DC Operating Characteristics for REF_IN
Table 10-6 lists the 3.3-V DC characteristics for the REF_IN pin.
Note:
The REF_IN input switch point is 50% of VDD.
10.4.4
DC Operating Characteristics for Media Independent Interface
Table 10-7 lists DC operating characteristics for the Media Independent Interface (MII) for the ICS1893.
Table 10-6.
3.3-V DC Operating Characteristics for REF_IN
Parameter
Symbol
Test Conditions
Min.
Max.
Units
Input High Voltage
VIH
VDD_IO = 3.47 V
2.4
V
Input Low Voltage
VIL
VDD_IO = 3.14 V
0.8
V
Table 10-7.
DC Operating Characteristics for Media Independent Interface
Parameter
Conditions
Minimum
Typical
Maximum
Units
MII Input Pin Capacitance
8
pF
MII Output Pin Capacitance
14
pF
MII Output Drive Impedance
VDD_IO = 3.3V
60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com