Electronic Components Datasheet Search
  English  ▼

X  

ICS9248-72 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS9248-72
Description  Frequency Timing Generator for PENTIUM II Systems
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-72 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS9248-72 Datasheet HTML 1Page - Integrated Circuit Systems ICS9248-72 Datasheet HTML 2Page - Integrated Circuit Systems ICS9248-72 Datasheet HTML 3Page - Integrated Circuit Systems ICS9248-72 Datasheet HTML 4Page - Integrated Circuit Systems ICS9248-72 Datasheet HTML 5Page - Integrated Circuit Systems ICS9248-72 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-72 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-72 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-72 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
ICS9248-72
Preliminary Product Preview
Pin Descriptions
Pin number
Pin name
Type
Description
1, 45, 46
IOAPIC[2:0]
Output
2.5V IOAPIC clock outputs
2
REF0
Output
3.3V, 14.318 MHz reference clock output.
3, 24, 29, 33
VDD
Power
3.3 V power
4
X1
Input
14.318 MHz crystal input
5
X2
Output
14.318 MHz crystal output
6, 14, 20, 26, 32
GND
Power
Ground
FS [2:1]
IN
Frequency select pins. Latched Inputs determins the CPU & PCI frequencies.
PCICLK [1:0]
Output
3.3 V PCI clock outputs, generating timing requirements for
9,17
VDDPCI
Power
3.3 V power for the PCI clock outputs
19, 18, 16, 15, 13,
12, 11, 10
PCICLK [9:2]
Output
3.3 V PCI clock outputs
23, 22, 21
3V66
Output
3.3 V 66 MHz clock output, fixed frequency clock typically used with AGP
25
SEL 133/100#
Input
control for the frequency of clocks at the CPU output pins. If logic "0" is used the
100 MHz frequency is selected. If Logic "1" is used, the 133 MHz frequency is
selected. The PCI clock is multiplexed to run at 33.3 MHz for both selected cases.
FS0
IN
Frequency select pin. Latched Inputs determins the CPU & PCI frequencies.
48 MHz
Output
3.3 V 48 MHz clock output, fixed frequency clock typically used with USB
devices
SEL24/48
IN
48/24 MHz select option. Active low = 48 MHz output. Active High = 24
MHz
24_48MHz#
Output
3.3V 48 or 24 MHz clock output, fixed frequency clock typically used with
USB devices.
30
SCLK
IN
Clock input of I2C input
31
PD#
Input
Asynchronous active low input pin used to power down the device into a low
power state. The internal clocks are disabled and the VCO and the crystal are
stopped.
34
SDATA
IN
Data input for I
2C serial input.
36, 35
CPUCLK [1:0]
0utput
2.5 V CPU and Host clock outputs
37, 40
VDDLCPU
Power
2.5 V power for the CPU and Host clock outputs
41
GNDLCPU/2
Power
Ground for the CPU and Host clock outputs
42
CPU/2
Output
output running at 1/2 CPU clock frequency.Synchronous to the CPU outputs.
43
VDDLCPU/2
Power
2.5 V power for the CPU/2 clock outputs
47
GNDLIOAPIC
Power
Ground for IOAPIC clocks
48
GNDREF
Power
Ground for 14.318 MHz reference clock outputs
8, 7
28
27
Power Groups:
VDDREF,GNDREF=REF,X1,X2
GNDPCI,VDDPCI=PCICLK
VDD66,GND66=3V66
VDD48,GND48=48MHz
VDDCOR,GNDCOR=PLLCore
VDDLCPU/2,GNDLCPU/2=CPU/2
VDDLIOAPIC,GNDIOAPIC=IOAPIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com