Electronic Components Datasheet Search
  English  ▼

X  

ICS9248-72 Datasheet(PDF) 3 Page - Integrated Circuit Systems

Part # ICS9248-72
Description  Frequency Timing Generator for PENTIUM II Systems
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-72 Datasheet(HTML) 3 Page - Integrated Circuit Systems

  ICS9248-72 Datasheet HTML 1Page - Integrated Circuit Systems ICS9248-72 Datasheet HTML 2Page - Integrated Circuit Systems ICS9248-72 Datasheet HTML 3Page - Integrated Circuit Systems ICS9248-72 Datasheet HTML 4Page - Integrated Circuit Systems ICS9248-72 Datasheet HTML 5Page - Integrated Circuit Systems ICS9248-72 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-72 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-72 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-72 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
ICS9248-72
Preliminary Product Preview
ICS9248-72 Power Management Features:
Note:
1. LOW means outputs held static LOW as per latency requirement next page.
2. On means active.
3. PD# pulled Low, impacts all outputs including REF and 48 MHz outputs.
#
D
PK
L
C
U
P
C2
/
U
P
CC
I
P
A
O
I6
6
V
3I
C
PF
_
I
C
P
.
F
E
R
z
H
M
8
4
c
s
Os
O
C
V
0W
O
LW
O
LW
O
LW
O
LW
O
LW
O
LW
O
LF
F
OF
F
O
1N
ON
ON
ON
ON
ON
ON
ON
ON
O
Power Management Requirements:
Note:
1. Clock on/off latency is defined in the number of rising edges of free running PCICLKs between the clock disable goes low/
high to the first valid clock comes out of the device.
2. Power up latency is when PWR_DWN# goes inactive (high to when the first valid clocks are dirven from the device.
l
a
g
n
i
Se
t
a
t
S
l
a
g
n
i
S
y
c
n
e
t
a
L
s
e
g
d
e
g
n
i
s
i
r
f
o
.
o
N
K
L
C
I
C
P
f
o
#
D
P
)
n
o
i
t
a
r
e
p
o
l
a
m
r
o
n
(
1S
m
3
)
n
w
o
d
r
e
w
o
p
(
0.
x
a
m
2
Functionality
VDD = 3.3V±5%,VDDL = 2.5V±5% TA= 0 to 70°C
Crystal(X1,X2)=14.31818MHz
SEL133/100#
FS2
(MHz)
FS1
(MHz)
FS0
(MHz)
CPU
(MHz)
CPU/2
(MHz)
PCI
(MHz)
3V66
(MHz)
IOAPIC
(MHz)
11
1
1
133.30
66.65
33.325
66.65
16.66
1
1
10
138.01
69.01
34.505
69.01
17.25
1
1
01
142.91
71.45
35.725
71.45
17.86
1
10
0
147.95
73.98
36.99
73.98
18.49
10
1
1
152.49
76.24
38.12
76.24
19.06
10
1
0
156.99
78.49
39.245
78.49
19.62
10
0
1
162.02
81.01
40.505
81.01
20.25
10
0
0
180.00
89.99
30.00
60.00
15.00
01
1
1
100.23
50.11
33.405
66.81
16.70
01
1
0
105.00
52.49
35
70.00
17.50
01
0
1
113.99
56.99
37.83
75.66
18.91
01
0
0
120.00
59.99
40.00
80.00
20.00
00
1
1
128.51
64.25
32.125
64.25
16.06
00
1
0
200.01
100.00
33.33
66.66
16.66
00
0
1
170.03
85.01
28.33
56.66
14.16
00
0
0
66.82
33.40
33.40
66.80
16.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com