Electronic Components Datasheet Search
  English  ▼

X  

ICS9248-72 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS9248-72
Description  Frequency Timing Generator for PENTIUM II Systems
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-72 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS9248-72 Datasheet HTML 1Page - Integrated Circuit Systems ICS9248-72 Datasheet HTML 2Page - Integrated Circuit Systems ICS9248-72 Datasheet HTML 3Page - Integrated Circuit Systems ICS9248-72 Datasheet HTML 4Page - Integrated Circuit Systems ICS9248-72 Datasheet HTML 5Page - Integrated Circuit Systems ICS9248-72 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-72 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-72 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-72 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Integrated
Circuit
Systems, Inc.
General Description
Features
ICS9248-72
Block Diagram
Frequency Timing Generator for PENTIUM II Systems
9248-72 Rev B 7/28/99
Pin Configuration
48-pin SSOP
•
Up to 200MHz frequency support.
•
Power Down feature.
•
Spread Spectrum for EMI control
(0 to –0.5% down spread , + 0.25% center spread)
•I2C interface.
•
VDDL=2.5V,VDD=3.3V
The ICS9248-72 is a main clock synthesizer chip for Pentium
II based systems using Rambus Interface DRAMs. This chip
provides all the clocks required for such a system when used
with a Direct Rambus Clock Generator(DRCG) chip such as
theICS9211-01.
Spread Spectrum may be enabled by driving the SPREAD#
pin active. Spread spectrum typically reduces system EMI by
8dBto10dB.ThissimplifiesEMIqualificationwithoutresorting
to board design iterations or costly shielding. The ICS9248-
72 employs a proprietary closed loop design, which tightly
controls the percentage of spreading over process and
temperature variations.
The CPU/2 clocks are inputs to the DRCG.
Preliminary Product Preview
* 250K ohm pull-up to VDD on indicated inputs.
1.These pins will have 2X drive strength
Key Specification
•
CPU Output Jitter: <250ps
•
CPU/2 Output Jitter. <250ps
•
IOAPIC Output Jitter: <500ps
•
48MHz, 3V66, PCI Output Jitter: <500ps
•
Ref Output Jitter. <1000ps
•
CPU Output Skew: <175ps
•
IOAPIC Output Skew <250ps
•
PCI Output Skew: <500ps
•
3V66 Output Skew <250ps
•
CPU to 3V66 Output Offset: 0.0 - 1.5ns (CPU leads)
•
3V66 to PCI Output Offset: 1.5 - 4.0ns (3V66 leads)
•
CPU to IOAPIC Output Offset 1.5 - 4.0ns (CPU leads)
PRODUCT PREVIEW documents contain information on new
products in the sampling or preproduction phase of development.
Characteristic data and other specifications are subject to change
without notice.


Similar Part No. - ICS9248-72

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-73 ICST-ICS9248-73 Datasheet
356Kb / 15P
Frequency Timing Generator for Pentium II Systems
Rev B 2/10/00
ICS9248-77 ICST-ICS9248-77 Datasheet
313Kb / 14P
Frequency Timing Generator for PENTIUM II Systems
Rev C 10/20/99
logo
Renesas Technology Corp
ICS9248-77 RENESAS-ICS9248-77 Datasheet
676Kb / 15P
Frequency Timing Generator for PENTIUM II Systems
2019
logo
Integrated Circuit Syst...
ICS9248-78 ICST-ICS9248-78 Datasheet
604Kb / 13P
Frequency Timing Generator for Pentium II Systems
Rev A 7/21/99
More results

Similar Description - ICS9248-72

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS9248-107 ICST-ICS9248-107 Datasheet
141Kb / 14P
Frequency Timing Generator for PENTIUM II Systems
ICS9248-157 ICST-ICS9248-157 Datasheet
151Kb / 11P
Frequency Timing Generator for Pentium II Systems
ICS9248-61 ICST-ICS9248-61 Datasheet
291Kb / 9P
Frequency Timing Generator for Pentium II Systems
Rev B 1/8/99
ICS9248-66 ICST-ICS9248-66 Datasheet
382Kb / 11P
Frequency Timing Generator for PENTIUM II Systems
ICS9248-78 ICST-ICS9248-78 Datasheet
604Kb / 13P
Frequency Timing Generator for Pentium II Systems
Rev A 7/21/99
ICS9248-97 ICST-ICS9248-97 Datasheet
466Kb / 14P
Frequency Timing Generator for PENTIUM II Systems
Rev E 08/18/00
ICS9250-10 ICST-ICS9250-10 Datasheet
668Kb / 16P
Frequency Timing Generator for Pentium II Systems
Rev J 6/15/99
ICS9248-50 ICST-ICS9248-50_1 Datasheet
256Kb / 10P
Frequency Timing Generator for Pentium II Systems
logo
Renesas Technology Corp
ICS9250-10 RENESAS-ICS9250-10 Datasheet
432Kb / 16P
Frequency Timing Generator for Pentium II Systems
12/14/01
ICS9248-77 RENESAS-ICS9248-77 Datasheet
676Kb / 15P
Frequency Timing Generator for PENTIUM II Systems
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com