Electronic Components Datasheet Search
  English  ▼

X  

ICS9248-72 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS9248-72
Description  Frequency Timing Generator for PENTIUM II Systems
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-72 Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS9248-72 Datasheet HTML 2Page - Integrated Circuit Systems ICS9248-72 Datasheet HTML 3Page - Integrated Circuit Systems ICS9248-72 Datasheet HTML 4Page - Integrated Circuit Systems ICS9248-72 Datasheet HTML 5Page - Integrated Circuit Systems ICS9248-72 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-72 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-72 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-72 Datasheet HTML 9Page - Integrated Circuit Systems ICS9248-72 Datasheet HTML 10Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
ICS9248-72
Preliminary Product Preview
Byte 1: CPU, CPU/2, 48MHz Register
(1 = enable, 0 = disable)
Byte2: PCICLKActive/Inactive Register
(1 = enable, 0 = disable)
Byte 3: 3V66, REF RegisterActive/Inactive
(1 = enable, 0 = disable)
Notes:
1. Inactive means outputs are held LOW and are disabled
from switching.
Notes:
1. Inactive means outputs are held LOW and are disabled
from switching.
Notes:
1. Inactive means outputs are held LOW and are disabled
from switching.
t
i
B#
n
i
PD
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
B7
21
z
H
M
8
4
6
t
i
B8
21
z
H
M
8
4
_
4
2
5
t
i
B-
-
)
d
e
v
r
e
s
e
R
(
4
t
i
B2
41
2
/
U
P
C
3
t
i
B-
-
)
d
e
v
r
e
s
e
R
(
2
t
i
B9
31
2
K
L
C
U
P
C
1
t
i
B6
31
1
K
L
C
U
P
C
0
t
i
B5
31
0
K
L
C
U
P
C
t
i
B#
n
i
PD
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
B6
11
7
K
L
C
I
C
P
6
t
i
B5
11
6
K
L
C
I
C
P
5
t
i
B3
11
5
K
L
C
I
C
P
4
t
i
B2
11
4
K
L
C
I
C
P
3
t
i
B1
11
3
K
L
C
I
C
P
2
t
i
B0
11
2
K
L
C
I
C
P
1
t
i
B8
1
1
K
L
C
I
C
P
0
t
i
B7
1
0
K
L
C
I
C
P
t
i
B#
n
i
PD
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
B-
0
)
d
e
v
r
e
s
e
R
(
6
t
i
B3
21
2
_
6
6
V
3
5
t
i
B2
21
1
_
6
6
V
3
4
t
i
B1
21
0
_
6
6
V
3
3
t
i
B-
X
#
2
S
F
2
t
i
B-
X
#
)
#
8
4
4
2
L
E
S
(
1
t
i
B9
11
9
K
L
C
I
C
P
0
t
i
B8
11
8
K
L
C
I
C
P
Byte 5: CPU, IOAPIC RegisterActive/Inactive
(1 = enable, 0 = disable)
Notes:
1. Inactive means outputs are held LOW and are disabled
from switching.
t
i
B#
n
i
PD
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
B-
0
)
d
e
v
r
e
s
e
R
(
6
t
i
B-
0
)
d
e
v
r
e
s
e
R
(
5
t
i
B-
0
)
d
e
v
r
e
s
e
R
(
4
t
i
B-
0
)
d
e
v
r
e
s
e
R
(
3
t
i
B-
0
)
d
e
v
r
e
s
e
R
(
2
t
i
B-
0
)
d
e
v
r
e
s
e
R
(
1
t
i
B-
0
)
d
e
v
r
e
s
e
R
(
0
t
i
B-
0
)
d
e
v
r
e
s
e
R
(
Byte 4: IOAPIC, REFRegisterActive/Inactive
(1 = enable, 0 = disable)
Notes:
1. Inactive means outputs are held LOW and are disabled
from switching.
t
i
B#
n
i
PD
W
Pn
o
i
t
p
i
r
c
s
e
D
7
t
i
B0
)
d
e
v
r
e
s
e
R
(
6
t
i
B1
1
2
C
I
P
A
O
I
5
t
i
B5
41
1
C
I
P
A
O
I
4
t
i
B6
41
0
C
I
P
A
O
I
3
t
i
B-
0
)
d
e
v
r
e
s
e
R
(
2
t
i
B-
X
#
0
S
F
1
t
i
B-
X
#
1
S
F
0
t
i
B2
1
)
2
X
(
F
E
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com