Electronic Components Datasheet Search
  English  ▼

X  

ICS9248-72 Datasheet(PDF) 5 Page - Integrated Circuit Systems

Part # ICS9248-72
Description  Frequency Timing Generator for PENTIUM II Systems
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS9248-72 Datasheet(HTML) 5 Page - Integrated Circuit Systems

  ICS9248-72 Datasheet HTML 1Page - Integrated Circuit Systems ICS9248-72 Datasheet HTML 2Page - Integrated Circuit Systems ICS9248-72 Datasheet HTML 3Page - Integrated Circuit Systems ICS9248-72 Datasheet HTML 4Page - Integrated Circuit Systems ICS9248-72 Datasheet HTML 5Page - Integrated Circuit Systems ICS9248-72 Datasheet HTML 6Page - Integrated Circuit Systems ICS9248-72 Datasheet HTML 7Page - Integrated Circuit Systems ICS9248-72 Datasheet HTML 8Page - Integrated Circuit Systems ICS9248-72 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
ICS9248-72
Preliminary Product Preview
Byte0: Functionality and Frequency Select Register (default = 0)
Serial Configuration Command Bitmap
Note1: Default at power-up will be for latched logic inputs to define frequency.
t
i
Bn
o
i
t
p
i
r
c
s
e
DD
W
P
t
i
B
)
4
:
7
(
t
i
B
K
L
C
U
P
C2
/
U
P
C6
6
V
3K
L
C
I
C
PC
I
P
A
O
I0
76
5
4
11
1
1
0
3
.
3
3
15
6
.
6
65
6
.
6
65
2
3
.
3
36
6
.
6
1
X
X
X
X
1
e
t
o
N
11
1
0
1
0
.
8
3
11
0
.
9
61
0
.
9
65
0
5
.
4
35
2
.
7
1
11
0
1
1
9
.
2
4
15
4
.
1
75
4
.
1
75
2
7
.
5
36
8
.
7
1
11
0
0
5
9
.
7
4
18
9
.
3
78
9
.
3
79
9
.
6
39
4
.
8
1
10
1
1
9
4
.
2
5
14
2
.
6
74
2
.
6
72
1
.
8
36
0
.
9
1
10
1
0
9
9
.
6
5
19
4
.
8
79
4
.
8
75
4
2
.
9
32
6
.
9
1
10
0
1
2
0
.
2
6
11
0
.
1
81
0
.
1
85
0
5
.
0
45
2
.
0
2
10
0
0
0
0
.
0
8
19
9
.
9
80
0
.
0
60
0
.
0
30
0
.
5
1
01
1
1
3
2
.
0
0
11
1
.
0
51
8
.
6
65
0
4
.
3
30
7
.
6
1
01
1
0
0
0
.
5
0
19
4
.
2
50
0
.
0
75
30
5
.
7
1
01
0
1
9
9
.
3
1
19
9
.
6
56
6
.
5
73
8
.
7
31
9
.
8
1
01
0
0
0
0
.
0
2
19
9
.
9
50
0
.
0
80
0
.
0
40
0
.
0
2
00
1
1
1
5
.
8
2
15
2
.
4
65
2
.
4
65
2
1
.
2
36
0
.
6
1
00
1
0
1
0
.
0
0
20
0
.
0
0
16
6
.
6
63
3
.
3
36
6
.
6
1
00
0
1
3
0
.
0
7
11
0
.
5
86
6
.
6
53
3
.
8
26
1
.
4
1
00
0
0
2
8
.
6
60
4
.
3
30
8
.
6
60
4
.
3
37
.
6
1
3
t
i
B
s
t
u
p
n
i
d
e
h
c
t
a
l
,
t
c
e
l
e
s
e
r
a
w
d
r
a
h
y
b
d
e
t
c
e
l
e
s
s
i
y
c
n
e
u
q
e
r
F
-
0
4
:
7
t
i
B
y
b
d
e
t
c
e
l
e
s
s
i
y
c
n
e
u
q
e
r
F
-
1
0
2
t
i
B
%
5
2
.
0
±
e
p
y
t
d
a
e
r
p
s
r
e
t
n
e
c
m
u
r
t
c
e
p
s
d
a
e
r
p
S
-
0
%
5
.
0
-
o
t
0
e
p
y
t
d
a
e
r
p
s
n
w
o
d
m
u
r
t
c
e
p
s
d
a
e
r
p
S
-
1
1
1
t
i
B
l
a
m
r
o
N
-
0
e
l
b
a
n
e
m
u
r
t
c
e
p
s
d
a
e
r
p
S
-
1
1
0
t
i
B
g
n
i
n
n
u
R
=
0
s
t
u
p
t
u
o
l
l
a
e
t
a
t
s
i
r
T
=
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com