Electronic Components Datasheet Search
  English  ▼

X  

AD9772 Datasheet(PDF) 16 Page - Analog Devices

Part # AD9772
Description  14 BIT 150 MSPS T DAC WITH 2 INTERPOLATION FILTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9772 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD9772 Datasheet HTML 12Page - Analog Devices AD9772 Datasheet HTML 13Page - Analog Devices AD9772 Datasheet HTML 14Page - Analog Devices AD9772 Datasheet HTML 15Page - Analog Devices AD9772 Datasheet HTML 16Page - Analog Devices AD9772 Datasheet HTML 17Page - Analog Devices AD9772 Datasheet HTML 18Page - Analog Devices AD9772 Datasheet HTML 19Page - Analog Devices AD9772 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
REV. 0
AD9772
–16–
The current output appearing at IOUTA and IOUTB is a func-
tion of both the input code and IOUTFS and can be expressed as:
IOUTA = (DAC CODE/16384)
× I
OUTFS
(1)
IOUTB = (16383 – DAC CODE)/16384
× I
OUTFS
(2)
where DAC CODE = 0 to 16383 (i.e., Decimal Representation).
As previously mentioned, IOUTFS is a function of the reference
current IREF, which is nominally set by a reference voltage
VREFIO, and external resistor, RSET. It can be expressed as:
IOUTFS = 32
× I
REF
(3)
where
IREF = VREFIO/RSET
(4)
The two current outputs will typically drive a resistive load
directly or via a transformer. If dc coupling is required, IOUTA
and IOUTB should be directly connected to matching resistive
loads, RLOAD, that are tied to analog common, ACOM. Note
that RLOAD may represent the equivalent load resistance seen by
IOUTA or IOUTB as would be the case in a doubly terminated
50
Ω or 75 Ω cable. The single-ended voltage output appearing
at the IOUTA and IOUTB nodes is simply:
VOUTA = IOUTA
× R
LOAD
(5)
VOUTB = IOUTB
× R
LOAD
(6)
Note that the full-scale value of VOUTA and VOUTB should not
exceed the specified output compliance range of 1.25 V to pre-
vent signal compression. To maintain optimum distortion and
linearity performance, the maximum voltages at VOUTA and
VOUTB should not exceed
±500 mV p-p.
The differential voltage, VDIFF, appearing across IOUTA and
IOUTB, is:
VDIFF = (IOUTA – IOUTB)
× R
LOAD
(7)
Substituting the values of IOUTA, IOUTB and IREF; VDIFF can
be expressed as:
VDIFF = [(2 DAC CODE – 16383)/16384]
×
(32 RLOAD/RSET)
× V
REFIO
(8)
The last two equations highlight some of the advantages of
operating the AD9772 differentially. First, the differential
operation will help cancel common-mode error sources such as
noise, distortion and dc offsets associated with IOUTA and
IOUTB. Second, the differential code-dependent current and
subsequent voltage, VDIFF, is twice the value of the single-ended
voltage output (i.e., VOUTA or VOUTB), thus providing twice the
signal power to the load.
Note that the gain drift temperature performance for a single-
ended (VOUTA and VOUTB) or differential output (VDIFF) of
the AD9772 can be enhanced by selecting temperature tracking
resistors for RLOAD and RSET due to their ratiometric relation-
ship as shown in Equation 8.
REFERENCE OPERATION
The AD9772 contains an internal 1.20 V bandgap reference
that can easily be disabled and overridden by an external
reference. REFIO serves as either an output or input, depending
on whether the internal or external reference is selected. If
REFLO is tied to ACOM, as shown in Figure 32, the internal
reference is activated, and REFIO provides a 1.20 V output. In
this case, the internal reference must be compensated externally
with a ceramic chip capacitor of 0.1
µF or greater from REFIO
to REFLO. If any additional loading is required, REFIO should
be buffered with an external amplifier having an input bias cur-
rent less than 100 nA.
+1.2V REF
REFIO
FSADJ
CURRENT
SOURCE
ARRAY
250pF
REFLO
AVDD
AD9772
2k
0.1 F
ADDITIONAL
LOAD
OPTIONAL
EXTERNAL
REF BUFFER
+2.7V TO +3.6VA
Figure 32. Internal Reference Configuration
The internal reference can be disabled by connecting REFLO to
AVDD. In this case, an external 1.2 V reference such as the
AD1580 may then be applied to REFIO as shown in Figure 33.
The external reference may provide either a fixed reference
voltage to enhance accuracy and drift performance or a varying
reference voltage for gain control. Note that the 0.1
µF compen-
sation capacitor is not required since the internal reference is
disabled, and the high input impedance of REFIO minimizes
any loading of the external reference.
+1.2V REF
REFIO
FSADJ
CURRENT
SOURCE
ARRAY
250pF
REFLO
AVDD
AD9772
AD1580
+2.7 TO +3.6VA
REFERENCE
CONTROL
AMPLIFIER
RSET
IREF =
VREFIO/RSET
10k
VREFIO
Figure 33. External Reference Configuration
REFERENCE CONTROL AMPLIFIER
The AD9772 also contains an internal control amplifier that is
used to regulate the DAC’s full-scale output current, IOUTFS.
The control amplifier is configured as a V-I converter, as shown
in Figure 33, such that its current output, IREF, is determined by
the ratio of the VREFIO and an external resistor, RSET, as stated
in Equation 4. IREF is copied over to the segmented current
sources with the proper scaling factor to set IOUTFS as stated in
Equation 3.
The control amplifier allows a wide (10:1) adjustment span of
IOUTFS over a 2 mA to 20 mA range by setting IREF between
62.5
µA and 625 µA. The wide adjustment span of I
OUTFS
provides several application benefits. The first benefit relates
directly to the power dissipation of the AD9772’s DAC, which
is proportional to IOUTFS (refer to the Power Dissipation sec-
tion). The second benefit relates to the 20 dB adjustment, which
is useful for system gain control purposes.
IREF can be controlled using the single-supply circuit shown in
Figure 34 for a fixed RSET. In this example, the internal refer-
ence is disabled, and the voltage of REFIO is varied over its
compliance range of 1.25 V to 0.10 V. REFIO can be driven
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com