Electronic Components Datasheet Search
  English  ▼

X  

AD9772 Datasheet(PDF) 24 Page - Analog Devices

Part # AD9772
Description  14 BIT 150 MSPS T DAC WITH 2 INTERPOLATION FILTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9772 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9772 Datasheet HTML 20Page - Analog Devices AD9772 Datasheet HTML 21Page - Analog Devices AD9772 Datasheet HTML 22Page - Analog Devices AD9772 Datasheet HTML 23Page - Analog Devices AD9772 Datasheet HTML 24Page - Analog Devices AD9772 Datasheet HTML 25Page - Analog Devices AD9772 Datasheet HTML 26Page - Analog Devices AD9772 Datasheet HTML 27Page - Analog Devices AD9772 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
REV. 0
AD9772
–24–
AD9772 EVALUATION BOARD
The AD9772-EB is an evaluation board for the AD9772 TxDAC.
Careful attention to layout and circuit design, combined with
prototyping area, allows the user to easily and effectively evalu-
ate the AD9772 in different modes of operation.
Referring to Figures 54 and 55, the AD9772’s performance can
be evaluated differentially or single-ended using a transformer,
differential amplifier, or directly coupled output. To evaluate
the output differentially using the transformer, remove jumpers
JP12 and JP13 and monitor the output at J6 (IOUT). To evalu-
ate the output differentially, remove the transformer (T2) and
install jumpers JP12 and JP13. The output of the amplifier can
be evaluated at J13 (AMPOUT). To evaluate the AD9772
single-ended and directly coupled, remove the transformer and
jumpers (JP12 and JP13) and install resistors R16 or R17 with
0
Ω.
The digital data to the AD9772 comes across a ribbon cable
which interfaces to a 40-pin IDC connector. Proper termina-
tion or voltage scaling can be accomplished by installing RN2
and/or RN3 SIP resistor networks. The 22
Ω DIP resistor net-
work, RN1, must be installed and helps reduce the digital data
edge rates. A single-ended CLOCK input can be supplied via
the ribbon cable by installing JP8 or more preferably via the
SMA connector, J3 (CLOCK). If the CLOCK is supplied by J3,
the AD9772 can be configured for a differential clock interface
by installing jumpers JP1 and configuring JP2, JP3, and JP9 for
the DF position. To configure the AD9772 clock input for a
single-ended clock interface, remove JP1 and configure JP2, JP3
and JP9 for the SE position.
The AD9772’s PLL clock multiplier can be disabled by config-
uring jumper JP5 for the L position. In this case, the user must
supply a clock input at twice (2
× )the data rate via J3 (CLOCK).
The 1
× clock is made available on SMA connector, J1
(PLLLOCK) and should be used to trigger a pattern generator
directly or via a programmable pulse generator. Note, PLLLOCK
is capable of providing a 0 V to 0.85 V output into a 50
Ω load.
To enable the PLL clock multiplier, JP5 must be configured for
the H position. In this case, the clock may be supplied via the
ribbon cable (i.e., JP8 installed) or J3 (CLOCK). The divide-
by-N ratio can be set by configuring JP6 (DIV0) and JP7 (DIV1).
The AD9772 can be configured for Baseband or Direct IF Mode
operation by configuring jumpers JP11 (MOD0) and JP10
(MOD1). For baseband operation, JP10 and JP11 should be
configured in the L position. For direct IF operation, JP10 and
JP11 should be configured in the H position. For direct IF
operation without “zero-stuffing,” JP11 should be configured in
the H position while JP10 should be configured in the low position.
The AD9772’s voltage reference can be enabled or disabled via
JP4 (EXT REF IN). To enable the reference, configure JP in
the INT position. A voltage of approximately 1.2 V will appear
at the TP6 (REFIO) test point. To disable the internal refer-
ence, configure JP4 in the EXT position and drive TP6 with an
external voltage reference. Lastly, the AD9772 can be placed in
the SLEEP mode by driving the TP11 test point with logic level
HIGH input signal.
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com