Electronic Components Datasheet Search
  English  ▼

X  

AD9772 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9772
Description  14 BIT 150 MSPS T DAC WITH 2 INTERPOLATION FILTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9772 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9772 Datasheet HTML 14Page - Analog Devices AD9772 Datasheet HTML 15Page - Analog Devices AD9772 Datasheet HTML 16Page - Analog Devices AD9772 Datasheet HTML 17Page - Analog Devices AD9772 Datasheet HTML 18Page - Analog Devices AD9772 Datasheet HTML 19Page - Analog Devices AD9772 Datasheet HTML 20Page - Analog Devices AD9772 Datasheet HTML 21Page - Analog Devices AD9772 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
REV. 0
AD9772
–18–
complementary output with the full-scale current split between
the two outputs as a function of the input code.
The digital interface is implemented using an edge-triggered
master slave latch and is designed to support an input data rate
as high as 150 MSPS. The clock can be operated at any duty
cycle that meets the specified latch pulsewidth as shown in Figures
1a and 1b. The setup and hold times can also be varied within
the clock cycle as long as the specified minimum times are
met. The digital inputs (excluding CLK+ and CLK–) are CMOS-
compatible with its logic thresholds, VTHRESHOLD, set to approxi-
mately half the digital positive supply (i.e., DVDD or CLKVDD)
or
VTHRESHOLD = DVDD/2 (
±20%)
The internal digital circuitry of the AD9772 is capable of operating
over a digital supply range of 2.7 V to 3.6 V. As a result, the
digital inputs can also accommodate TTL levels when DVDD is
set to accommodate the maximum high level voltage of the TTL
drivers VOH(MAX). Although a DVDD of 3.3 V will typically
ensure proper compatibility with most TTL logic families, a
series 200
Ω resistors are recommended between the TTL logic
driver and digital inputs to limit the peak current through the
ESD protection diodes if VOH(MAX) exceeds DVDD by more
than 300 mV. Figure 36 shows the equivalent digital input cir-
cuit for the data and control inputs.
DIGITAL
INPUT
DVDD
Figure 36. Equivalent Digital Input
The AD9772 features a flexible differential clock input operat-
ing from separate supplies (i.e., CLKVDD, CLKCOM) to
achieve optimum jitter performance. The two clock inputs,
CLK+ and CLK–, can be driven from a single-ended or
differential clock source. For single-ended operation, CLK+
should be driven by a single-ended logic source while CLK–
should be set to the logic source’s threshold voltage via a resistor
divider/capacitor network referenced to CLKVDD as shown in
Figure 37. For differential operation, both CLK+ and CLK–
should be biased to CLKVDD/2 via a resistor divider network
as shown in Figure 38. An RF transformer as shown in Figure 3
can also be used to convert a single-ended clock input to a dif-
ferential clock input.
RSERIES
VTHRESHHOLD
AD9772
CLK+
CLKVDD
CLK–
CLKCOM
0.1 F
1k
1k
Figure 37. Single-Ended Clock Interface
AD9772
CLK+
CLKVDD
CLK–
CLKCOM
0.1 F
0.1 F
0.1 F
1k
1k
1k
1k
ECL/PECL
Figure 38. Differential Clock Interface
The quality of the clock and data input signals are important in
achieving the optimum performance. The external clock driver
circuitry should provide the AD9772 with a low jitter clock
input meeting the min/max logic levels while providing fast
edges. Although fast clock edges help minimize any jitter that
will manifest itself as phase noise on a reconstructed waveform,
the high gain-bandwidth product of the AD9772’s differential
comparator can tolerate sine wave inputs as low as 0.5 V p-p,
with minimal degradation in its output noise floor.
Digital signal paths should be kept short and run lengths matched
to avoid propagation delay mismatch. The insertion of a low
value resistor network (i.e., 50
Ω to 200 Ω) between the AD9772
digital inputs and driver outputs may be helpful in reducing any
overshooting and ringing at the digital inputs that contribute to
data feedthrough.
SLEEP MODE OPERATION
The AD9772 has a SLEEP function that turns off the output
current and reduces the analog supply current to less than
6 mA over the specified supply range of 2.7 V to 3.6 V. This
mode can be activated by applying a Logic Level “1” to the
SLEEP pin. The AD9772 takes less than 50 ns to power down
and approximately 15
µs to power back up.
POWER DISSIPATION
The power dissipation, PD, of the AD9772 is dependent on
several factors, including:
1. AVDD, PLLVDD, CLKVDD and DVDD, the power supply
voltages
2. IOUTFS, the full-scale current output
3. fDATA, the update rate
4. the reconstructed digital input waveform.
The power dissipation is directly proportional to the analog
supply current, IAVDD, and the digital supply current, IDVDD.
IAVDD is directly proportional to IOUTFS, and is insensitive to
fDATA.
Conversely, IDVDD is dependent on both the digital input wave-
form and fDATA. Figure 39 shows IDVDD as a function of full-
scale sine wave output ratios (fOUT/fDATA) for various update
rates with DVDD = 3 V. The supply current from CLKVDD
and PLLVDD is relatively insensitive to the digital input wave-
form, but shown directly proportional to the update rate as
shown in Figure 40.
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com