Electronic Components Datasheet Search
  English  ▼

X  

AD9772 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9772
Description  14 BIT 150 MSPS T DAC WITH 2 INTERPOLATION FILTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9772 Datasheet(HTML) 3 Page - Analog Devices

  AD9772 Datasheet HTML 1Page - Analog Devices AD9772 Datasheet HTML 2Page - Analog Devices AD9772 Datasheet HTML 3Page - Analog Devices AD9772 Datasheet HTML 4Page - Analog Devices AD9772 Datasheet HTML 5Page - Analog Devices AD9772 Datasheet HTML 6Page - Analog Devices AD9772 Datasheet HTML 7Page - Analog Devices AD9772 Datasheet HTML 8Page - Analog Devices AD9772 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
REV. 0
–3–
AD9772
(TMIN to TMAX, AVDD = +3 V, CLKVDD = +3 V, DVDD = +3 V, PLLVDD = 0 V, IOUTFS = 20 mA,
Differential Transformer Coupled Output, 50
Doubly Terminated, unless otherwise noted)
DYNAMIC SPECIFICATIONS
Parameter
Min
Typ
Max
Units
DYNAMIC PERFORMANCE
Maximum DAC Output Update Rate (fDAC)
400
MSPS
Output Settling Time (tST) (to 0.025%)
11
ns
Output Propagation Delay1 (tPD)17
ns
Output Rise Time (10% to 90%)2
0.8
ns
Output Fall Time (10% to 90%)2
0.8
ns
Output Noise (IOUTFS = 20 mA)
50
pA/
√Hz
AC LINEARITY–BASEBAND MODE
Spurious-Free Dynamic Range (SFDR) to Nyquist (fOUT = 0 dBFS)
fDATA = 65 MSPS; fOUT = 1.01 MHz
82
dBc
fDATA = 65 MSPS; fOUT = 10.01 MHz
79
dBc
fDATA = 65 MSPS; fOUT = 26.01 MHz
74
dBc
fDATA = 150 MSPS; fOUT = 2.02 MHz
82
dBc
fDATA = 150 MSPS; fOUT = 20.02 MHz
81
dBc
fDATA = 150 MSPS; fOUT = 52.02 MHz
73
dBc
Two-Tone Intermodulation (IMD) to Nyquist (fOUT1 = fOUT2 = –6 dBFS)
fDATA = 65 MSPS; fOUT1 = 5.01 MHz; fOUT2 = 6.01 MHz
82
dBc
fDATA = 65 MSPS; fOUT1 = 15.01 MHz; fOUT2 = 17.51 MHz
72
dBc
fDATA = 65 MSPS; fOUT1 = 24.1 MHz; fOUT2 = 26.2 MHz
66
dBc
fDATA = 150 MSPS; fOUT1 = 10.02 MHz; fOUT2 = 12.02 MHz
80
dBc
fDATA = 150 MSPS; fOUT1 = 30.02 MHz; fOUT2 = 35.02 MHz
78
dBc
fDATA = 150 MSPS; fOUT1 = 48.2 MHz; fOUT2 = 52.4 MHz
71
dBc
Total Harmonic Distortion (THD)
fDATA = 50 MSPS; fOUT = 1.0 MHz; 0 dBFS
–78
dB
fDATA = 65 MSPS; fOUT = 10.01 MHz; 0 dBFS
–77
dB
Signal-to-Noise Ratio (SNR)
fDATA = 65 MSPS; fOUT = 16.26 MHz; 0 dBFS
74
dB
fDATA = 100 MSPS; fOUT = 25.1 MHz; 0 dBFS
69
dB
Adjacent Channel Power Ratio (ACPR)
WCDMA with 4.1 MHz BW, 5 MHz Channel Spacing
IF = 16 MHz, fDATA = 65.536 MSPS
78
dBc
IF = 32 MHz, fDATA = 131.072 MSPS
68
dBc
Four-Tone Intermodulation
15.6 MHz, 15.8 MHz, 16.2 MHz and 16.4 MHz at –12 dBFS
88
dBFS
fDATA = 65 MSPS, Missing Center
AC LINEARITY–IF MODE
Four-Tone Intermodulation at IF = 70 MHz
68.1 MHz, 69.3 MHz, 71.2 MHz and 72.0 MHz at –20 dBFS
77
dBFS
fDATA = 52 MSPS, fDAC = 208 MHz
NOTES
1Propagation delay is delay from CLK input to DAC update.
2Measured single-ended into 50
Ω load.
Specifications subject to change without notice.
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com