Electronic Components Datasheet Search
  English  ▼

X  

AD9772 Datasheet(PDF) 23 Page - Analog Devices

Part # AD9772
Description  14 BIT 150 MSPS T DAC WITH 2 INTERPOLATION FILTER
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9772 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9772 Datasheet HTML 19Page - Analog Devices AD9772 Datasheet HTML 20Page - Analog Devices AD9772 Datasheet HTML 21Page - Analog Devices AD9772 Datasheet HTML 22Page - Analog Devices AD9772 Datasheet HTML 23Page - Analog Devices AD9772 Datasheet HTML 24Page - Analog Devices AD9772 Datasheet HTML 25Page - Analog Devices AD9772 Datasheet HTML 26Page - Analog Devices AD9772 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
REV. 0
AD9772
–23–
DIRECT IF
As discussed in the Digital Modes of Operation section, the
AD9772 can be configured to transform digital data represent-
ing baseband signals into IF signals appearing at odd multiples
of the input data rate (i.e., N
× f
DATA where N = 1, 3, . . .). This
is accomplished by configuring the MOD1 and MOD0 digital
inputs HIGH. Note, the maximum DAC update rate of 400 MSPS
limits the data input rate in this mode to 100 MSPS when the
“zero-stuffing operation” is enabled (i.e., MOD1 High). Appli-
cations requiring higher IFs (i.e., 140 MHz) using higher data
rates should disable the “zeros-stuffing” operation. Also, to
minimize the effects of the PLL Clock Multipliers phase noise
as shown in Figure 27, an external low jitter/phase noise clock
source equal to 4
× f
DATA is recommended.
Figure 51 shows the actual output spectrum of the AD9772
reconstructing a 16-QAM test vector with a symbol rate of
5 MSPS. The particular test vector was centered at fDATA/4 with
fDATA = 100 MSPS, and fDAC = 400 MHz. For many applica-
tions, the pair of images appearing around fDATA will be more
attractive since they have the flattest passband and highest signal
power. Higher images can also be used with the realization that
these images will have reduced passband flatness, dynamic
range, and signal power, thus reducing the CNR and ACP per-
formance. Figure 52 shows a dual tone SFDR amplitude sweep
at the various IF images with fDATA = 100 MSPS and fDAC =
400 MHz and the two tones centered around fDATA/4. Note,
since an IF filter is assumed to precede the AD9772, the SFDR
was measured over a 25 MHz window around the images occur-
ring at 75 MHz, 125 MHz, 275 MHz and 325 MHz.
FREQUENCY – MHz
0
0
–20
–40
–60
–80
–100
–120
50
100
150
200
250
300
350
400
Figure 51. Spectral Plot of 16-QAM Signal in Direct IF
Mode at fDATA = 100 MSPS
AOUT – dBFS
85
–15
80
75
70
65
60
55
–12
–9
–6
–3
0
50
45
40
IF @ 275MHz
IF @ 75MHz
IF @ 125MHz
IF @ 325MHz
Figure 52. Dual Tone “Windowed” SFDR vs. AOUT at
fDATA = 100 MSPS
Regardless of what image is selected for a given application, the
adjacent images must be sufficiently filtered. In most cases, a
SAW filter providing differential inputs represents the opti-
mum device for this purpose. For single-ended SAW filters, a
balanced-to-unbalanced RF transformer is recommended. The
AD9772’s high output impedance provides a certain amount of
flexibility in selecting the optimum resistive load, RLOAD, as well
as any matching network.
For many applications, the data update rate to the DAC (i.e.,
fDATA) must be some fixed integer multiple of some system
reference clock (i.e., GSM – 13 MHz). Furthermore, these
applications prefer to use standard IF frequencies which offer a
large selection of SAW filter choices of varying passbands (i.e.,
70 MHz). These applications may still benefit from the AD9772’s
direct IF mode capabilities when used in conjunction with a
digital upconverter such as the AD6622. Since the AD6622 can
digitally synthesize and tune up to four modulated carriers, it is
possible to judiciously tune these carriers in a region which may
fall within an IF filter’s passband upon reconstruction by the
AD9772. Figure 53 shows an example in which four carriers
were tuned around 18 MHz with a digital upconverter operating
at 52 MSPS such that when reconstructed by the AD9772 in
the IF MODE, these carriers fall around a 70 MHz IF.
FREQUENCY – MHz
0
65
–10
–20
–30
–40
–50
–60
67.5
70
72.5
75
–70
–80
–90
–100
Figure 53. Spectral Plot of Four Carriers at 70 MHz IF with
fDATA = 52 MSPS, PLLVDD = 0
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com