Electronic Components Datasheet Search
  English  ▼

X  

SSM2122 Datasheet(PDF) 4 Page - Analog Devices

Part # SSM2122
Description  DYNAMIC RANGE PROCESSOR/DUAL VCA
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2122 Datasheet(HTML) 4 Page - Analog Devices

  SSM2122 Datasheet HTML 1Page - Analog Devices SSM2122 Datasheet HTML 2Page - Analog Devices SSM2122 Datasheet HTML 3Page - Analog Devices SSM2122 Datasheet HTML 4Page - Analog Devices SSM2122 Datasheet HTML 5Page - Analog Devices SSM2122 Datasheet HTML 6Page - Analog Devices SSM2122 Datasheet HTML 7Page - Analog Devices SSM2122 Datasheet HTML 8Page - Analog Devices SSM2122 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
5/90, Rev. B1
SSM-2120/SSM-2122 DYNAMIC RANGE PROCESSOR/DUAL VCA
a)
GAIN (dB)
VCA NOISE vs GAIN
(20kHz BANDWIDTH)
–20
–10
0
10
20
–70
–80
–90
b)
FIGURE 1:
Typical THD and Noise Performance
VCA PERFORMANCE
Figures 1a and 1b show the typical THD and noise performance
of the VCAs over
±20dB gain/attenuation. Full Class A opera-
tion provides very low THD.
TRIMMING THE VCAs
The control feedthrough (CFT) pins are optional control
feedthrough null points. CFT nulling is usually required in appli-
cations such as noise gating and downward expansion. If trim-
ming is not used, leave the CFT pins open.
Trim Procedure
1) Apply a 100Hz sine wave to the control point attenuator. The
signal peaks should correspond to the control voltages which
induce the VCAs maximum intended gain and at least 30dB of
attenuation.
2) Adjust the 50k
Ω potentiometer for the minimum feedthrough.
(Trimmed control feedthrough is typically well under 1mV
RMS
when the maximum gain is unity using 36k
Ω input and output
resistors.)
Applications such as compressor/limiters typically do not require
control feedthrough trimming because the VCA operates at unity-
gain unless the signal is large enough to initiate gain reduction.
In this case the signal masks control feedthrough.
This trim is ineffective for voltage-controlled filter applications.
LEVEL DETECTION CIRCUITS
The SSM-2120 contains two independent level detection circuits.
Each circuit contains a wide dynamic range full-wave rectifier,
logging circuit and a unipolar drive amplifier. These circuits will
accurately detect the input signal level over a 100dB range from
30nA to 3mA peak-to-peak.
LEVEL DETECTOR THEORY OF OPERATION
Referring to the level detector block diagram of Figure 2, the RE-
C
IN
input is an AC virtual ground. The next block implements the
full-wave rectification of the input current. This current is then
fed into a logging transistor (Q
1
) whose pair transistor (Q
2
) has a
fixed collector current of I
REF
. The LOG AV output is then:
FIGURE 2:
Level Detector
GAIN (dB)
VCA THD PERFORMANCE
vs GAIN
(+10dBV IN/OUT @ 1kHz)
–20
–10
0
10
20
.03
.01
.003
+
–
REC
IN
2V
+
FULL
WAVE
RECTIFIER
|IIN|
V+
LOG AV
+
–
THRESH
CON
OUT
V–
INPUT
RIN
CAV
RREF
1k
Ω
39k
Ω
TO VC
200
Ω
V–
Q1
Q2
IREF
RCON
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com