Electronic Components Datasheet Search
  English  ▼

X  

SSM2122 Datasheet(PDF) 7 Page - Analog Devices

Part # SSM2122
Description  DYNAMIC RANGE PROCESSOR/DUAL VCA
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2122 Datasheet(HTML) 7 Page - Analog Devices

Back Button SSM2122 Datasheet HTML 3Page - Analog Devices SSM2122 Datasheet HTML 4Page - Analog Devices SSM2122 Datasheet HTML 5Page - Analog Devices SSM2122 Datasheet HTML 6Page - Analog Devices SSM2122 Datasheet HTML 7Page - Analog Devices SSM2122 Datasheet HTML 8Page - Analog Devices SSM2122 Datasheet HTML 9Page - Analog Devices SSM2122 Datasheet HTML 10Page - Analog Devices SSM2122 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
5/90, Rev. B1
SSM-2120/SSM-2122 DYNAMIC RANGE PROCESSOR/DUAL VCA
FIGURE 8:
Compandor Control Circuit and Typical Curves.
b)
b)
a) CONTROL CIRCUIT
FIGURE 9:
Control Circuit for Stereo Compressor/Limiter with Noise Gating and Input/Output Curve
shown in Figure 8a, with its response in Figure 8b. The value of
the resistor R
PV
will determine the maximum output from the
control amplifier.
STEREO COMPRESSOR/LIMITER
The two control circuits of Figures 6 and 7 can be used in con-
junction to produce composite control voltages. Figures 9a and
9b show this type of circuit and transfer function for a stereo
compressor/limiter which also acts as a downward expander for
noise gating. The output noise in the absence of a signal will be
dependent on the noise of the current-to-voltage converter am-
plifier if the expansion ratio is high enough.
As discussed in the Threshold Control section, the use of the con-
trol circuit of Figure 5, including the R
PV
to V+ and two diodes,
yields positive unipolar control outputs.
a) CONTROL CIRCUIT
VIN(dB)
VIN(dB)
VOUT(dB)
EXPANSION
THRESHOLD
INPUT/OUTPUT CURVE
COMPRESSION
THRESHOLD
FIGURE 6
THRESHOLD EXP.
FIGURE 7
THRESHOLD COM.
200
Ω
200
Ω
MONO
OR R
L
+V
C
–V
C
+
–
TO +VC
OR –VC
200
Ω
CON
OUT
1k
Ω
THRESH
GAIN
VT
V+
LOG AV
CAV
|IIN|
MONO
OR R
+
2V
+
–
REC
IN
RIN
RIN
+
L
MONO – RIN = 10kΩ
STEREO – RIN = 20kΩ
1.5M
Ω
V–
39k
Ω
V+
RPV
V–
V–
RLL
R T
TYPICAL COMPANDOR
CONTROL CURVES
VIN(dB)
VIN(dB)
*
*UPPER AND LOWER LIMITS CAN BE ESTABLISHED BY
VALUES OF RPV AND RLL, RESPECTIVELY
*
+
VCON
–
VT < 0
VT > 0
VT = 0
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com