Electronic Components Datasheet Search
  English  ▼

X  

SSM2122 Datasheet(PDF) 1 Page - Analog Devices

Part # SSM2122
Description  DYNAMIC RANGE PROCESSOR/DUAL VCA
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2122 Datasheet(HTML) 1 Page - Analog Devices

  SSM2122 Datasheet HTML 1Page - Analog Devices SSM2122 Datasheet HTML 2Page - Analog Devices SSM2122 Datasheet HTML 3Page - Analog Devices SSM2122 Datasheet HTML 4Page - Analog Devices SSM2122 Datasheet HTML 5Page - Analog Devices SSM2122 Datasheet HTML 6Page - Analog Devices SSM2122 Datasheet HTML 7Page - Analog Devices SSM2122 Datasheet HTML 8Page - Analog Devices SSM2122 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
GENERAL DESCRIPTION
The SSM-2120 is a monolithic integrated circuit designed for the
purpose of processing dynamic signals in various analog sys-
tems including audio. This “dynamic range processor” consists
of two VCAs and two level detectors (the SSM-2122 consists of
two VCAs only). These circuit blocks allow the user to logarith-
mically control the gain or attenuation of the signals presented
to the level detectors depending on their magnitudes. This al-
lows the compression, expansion or limiting of AC signals, some
of the primary applications for the SSM-2120.
Precision Monolithics Inc.
®
®
SSM-2120/SSM-2122
DYNAMIC RANGE
PROCESSOR/DUAL VCA
FEATURES
• 0.01% THD at +10dBV In/Out
• 100dB VCA Dynamic Range
• Low VCA Control Feedthrough
• 100dB Level Detection Range
• Log/Antilog Control Paths
• Low External Component Count
The SSM-2120/SSM-2122 is mask work protected under the Semiconductor Chip
Protection Act of 1983.
APPLICATIONS
• Compressors
• Expanders
• Limiters
• AGC Circuits
• Voltage-Controlled Filters
• Noise Reduction Systems
• Stereo Noise Gates
–10
°C to +50°C
OPERATING
TEMPERATURE
RANGE
ORDERING INFORMATION
PACKAGE
SSM2120P
PLASTIC
22-PIN
SSM2122P
PLASTIC
16-PIN
SIMPLIFIED SCHEMATIC (VCA Section Only)
PIN CONNECTIONS
1
2
3
4
21
22
THRESH 1
GND
LOG AV 1
V+
CON
OUT 1
SIG
OUT 2
SIG
OUT 1
+VC2
5
20
+V
C1
CFT 2
6
19
CFT 1
–V
C2
7
18
–V
C1
SIG
IN 2
8
17
SIG
IN 1
REC
IN 2
9
16
REC
IN 1
CON
OUT 2
10
15
I
REF
LOG AV 2
11
14
V–
THRESH 2
12
13
1
2
3
413
14
15
16
GND
GND
SIG
OUT 1
V+
+V
C1
SIG
OUT 2
CFT 1
+V
C2
512
–V
C1
CFT 2
611
SIG
IN 1
–V
C2
7
I
REF
SIG
IN 2
89
V–
GND
10
SSM-2122
16-PIN PLASTIC DIP
(P-Suffix)
SSM-2120
22-PIN PLASTIC DIP
(P-Suffix)
5/90, Rev. B1
V+
+VC
–VC
V–
CURRENT
MIRRORS
V+
36k
Ω
36k
Ω
SIGNAL
OUT
SIGNAL
INPUT
IREF
V+
V+
OBSOLETE


Similar Part No. - SSM2122

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2122 AD-SSM2122 Datasheet
371Kb / 12P
Dynamic Range Processors/Dual VCA
REV.C
More results

Similar Description - SSM2122

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2120 AD-SSM2120 Datasheet
371Kb / 12P
Dynamic Range Processors/Dual VCA
REV.C
logo
List of Unclassifed Man...
PDA381 ETC-PDA381 Datasheet
177Kb / 4P
DUAL LOW NOISE VCA
logo
DAICO Industries, Inc.
CATV2226 DAICO-CATV2226 Datasheet
149Kb / 1P
VCA
logo
WJ Communication. Inc.
AH11 WJCI-AH11 Datasheet
317Kb / 6P
High Dynamic Range Dual Amplifier
logo
Analog Devices
SSM2120 AD-SSM2120_15 Datasheet
120Kb / 12P
DYNAMIC RANGE PROCESSOR DUAL VCA
5/90, Rev. B1
logo
TriQuint Semiconductor
AH11-G TRIQUINT-AH11-G_15 Datasheet
563Kb / 7P
High Dynamic Range Dual Amplifier
logo
ON Semiconductor
AP0202AT ONSEMI-AP0202AT Datasheet
1Mb / 54P
High-Dynamic Range Image Signal Processor
Rev. 4, 9/15 EN
AP0100CS ONSEMI-AP0100CS Datasheet
3Mb / 73P
High-Dynamic Range (HDR) Image Signal Processor (ISP)
Rev. 6, 1/16 EN
AP0101CS ONSEMI-AP0101CS Datasheet
2Mb / 42P
High-Dynamic Range (HDR) Image Signal Processor (ISP)
Rev. 7, 1/16 EN
logo
Curtis Electromusic.
CEM3381 CES-CEM3381 Datasheet
876Kb / 2P
DUAL LOW NOISE VCA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com