Electronic Components Datasheet Search
  English  ▼

X  

SSM2122 Datasheet(PDF) 9 Page - Analog Devices

Part # SSM2122
Description  DYNAMIC RANGE PROCESSOR/DUAL VCA
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2122 Datasheet(HTML) 9 Page - Analog Devices

Back Button SSM2122 Datasheet HTML 4Page - Analog Devices SSM2122 Datasheet HTML 5Page - Analog Devices SSM2122 Datasheet HTML 6Page - Analog Devices SSM2122 Datasheet HTML 7Page - Analog Devices SSM2122 Datasheet HTML 8Page - Analog Devices SSM2122 Datasheet HTML 9Page - Analog Devices SSM2122 Datasheet HTML 10Page - Analog Devices SSM2122 Datasheet HTML 11Page - Analog Devices SSM2122 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
5/90, Rev. B1
SSM-2120/SSM-2122 DYNAMIC RANGE PROCESSOR/DUAL VCA
FIGURE 12:
Dynamic Noise Filter Circuit
DYNAMIC FILTER
Figure 12 shows a control circuit for a dynamic filter capable of
single ended (non-encode/decode) noise reduction. Such circuits
usually suffer from a loss of high-frequency content at low signal
levels because their control circuits detect the absolute amount
of highs present in the signal. This circuit, however, measures
wideband level as well as high-frequency band level to produce
a composite control signal combined in a 1:2 ratio respectively.
The upper detector senses wideband signals with a cutoff of 20Hz
while the lower detector has a 5kHz cutoff to sense only high-
frequency band signals. This approach allows very good noise
masking with a minimum loss of “highs” when the signal level
goes below the threshold.
AUDIO
INPUT
10k
Ω 2.2µF REC
IN
|IIN|
V+
+
–
THRESHOLD
CONTROL
V–
160k
Ω
3.3
µF
2
LOG AV
1.5M
Ω
V–
160k
Ω
1k
Ω
THRESH
1
39k
Ω
CON
OUT 12kΩ
3
10k
Ω 3300pF
|IIN|
3.3
µF
13
1.5M
Ω
V–
V+
+
–
1k
Ω
9
15
LOG AV
THRESH
39k
Ω
14
12
5.6k
Ω
200
Ω
+VC
5
+
–
SIG
OUT
+
–
5
36k
Ω
36k
Ω
100pF
AUDIO
OUTPUT
SIG
IN
8
36k
Ω
47
Ω
2200pF
36k
Ω
FC ≤ 20Hz
(WIDEBAND)
FC = 5kHz
(HIGH FREQUENCY)
V–
V–
CON
OUT
REC
IN
–VC
7
200
Ω
OBSOLETE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com